Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q62702-S653 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # Q62702-S653
Description  SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q62702-S653 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  Q62702-S653 Datasheet HTML 1Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 2Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 3Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 4Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 5Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 6Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 7Page - Siemens Semiconductor Group Q62702-S653 Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Semiconductor Group
3
18/02/1997
BSP 92
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = -0.2 A
gfs
0.06
0.13
-
S
Input capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Ciss
-
95
130
pF
Output capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Coss
-
20
30
Reverse transfer capacitance
VGS = 0 V, VDS = -25 V, f = 1 MHz
Crss
-
10
15
Turn-on delay time
VDD = -30 V, VGS = -10 V, ID = -0.25 A
RGS = 50 Ω
td(on)
-
8
12
ns
Rise time
VDD = -30 V, VGS = -10 V, ID = -0.25 A
RGS = 50 Ω
tr
-
25
40
Turn-off delay time
VDD = -30 V, VGS = -10 V, ID = -0.25 A
RGS = 50 Ω
td(off)
-
25
33
Fall time
VDD = -30 V, VGS = -10 V, ID = -0.25 A
RGS = 50 Ω
tf
-
42
55


Similar Part No. - Q62702-S653

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q62702-S654 SIEMENS-Q62702-S654 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
Q62702-S655 SIEMENS-Q62702-S655 Datasheet
411Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
More results

Similar Description - Q62702-S653

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS92 SIEMENS-BSS92 Datasheet
81Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS284 SIEMENS-BSS284 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS84 SIEMENS-BSS84 Datasheet
73Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP317 SIEMENS-BSP317 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP316 SIEMENS-BSP316 Datasheet
173Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS110 SIEMENS-BSS110 Datasheet
80Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP315 SIEMENS-BSP315 Datasheet
174Kb / 9P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSS192 SIEMENS-BSS192 Datasheet
75Kb / 7P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
BSP296 SIEMENS-BSP296 Datasheet
172Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com