Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TYN612 Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # TYN612
Description  Glass passivated thyristors in a plastic envelope
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

TYN612 Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  TYN612 Datasheet HTML 1Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
TO-220
A1 A2 G
Parameter
Symbol
Typ
Unit
Repetitive peak off-state
voltages
V
DRM
V
RRM
600
V
Average on-state current
I
T(AV)
8.0
A
RMS on-state current
I
T(RMS)
12
A
Non-repetitive peak
on-state current
I
TSM
140
A
Max. Operating Junction
Temperature
T
j
110
oC
Storage Temperature
T
stg
-45~150
oC
TYN612
DESCRIPTION
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Repetitive peak off-state voltages
V
DRM
V
RRM
600
V
Average on-state current
I
T(AV)
half sine wave; T
mb< 103
oC
8.0
A
RMS on-state current
I
T(RMS)
all conduction angles
12
A
On-state voltage
V
TM
I
TM=24A,tp=380
s
1.3
1.60
V
Holding current
I
H
V
D =12 V; IGT = 0.1 A
7.5
30
mA
Latching current
I
L
V
D =12 V; IGT = 0.1 A
10
45
mA
Gate trigger current
I
GT
V
D =12 V; IT = 0.1 A
4
15
mA
Gate trigger voltage
V
GT
V
D =12 V; IT = 0.1 A
0.6
1.5
V
Glass passivated thyristors in a plastic envelope, intended
for use in applications requiring high bidirectional blocking
voltage capability and high thermal cycling performance.
Typical applications include motor control, industrial and
domestic lighting, heating and static switching.
Product specification
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
( Ta = 25 C)
O
( Ta = 25 C)
O
TIGER ELECTRONIC CO.,LTD


Similar Part No. - TYN612

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYN612 STMICROELECTRONICS-TYN612 Datasheet
122Kb / 11P
   SENSITIVE & STANDARD(12A SCRs)
TYN612 STMICROELECTRONICS-TYN612 Datasheet
71Kb / 5P
   HIGH SURGE CAPABILITY HIGH ON-STATE CURRENT HIGH STABILITY AND RELIABILITY
TYN612 STMICROELECTRONICS-TYN612 Datasheet
156Kb / 13P
   Sensitive and standard 12 A SCRs
September 2011 Rev 7
logo
Inchange Semiconductor ...
TYN612 ISC-TYN612 Datasheet
226Kb / 2P
   isc Thyristors
logo
HAOPIN MICROELECTRONICS...
TYN612 HAOPIN-TYN612 Datasheet
346Kb / 6P
   Blocking voltage to 600 V
More results

Similar Description - TYN612

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
TYN610 TGS-TYN610 Datasheet
90Kb / 1P
   Glass passivated thyristors in a plastic envelope
logo
First Silicon Co., Ltd
BT04F-600B FS-BT04F-600B Datasheet
287Kb / 3P
   Glass passivated triacs in a plastic envelope
BT136-600 FS-BT136-600 Datasheet
293Kb / 3P
   Glass passivated triacs in a plastic envelope
logo
Kersemi Electronic Co.,...
BT134W-600D KERSEMI-BT134W-600D Datasheet
693Kb / 6P
   Glass passivated triacs in a plastic
BT134W-500E KERSEMI-BT134W-500E Datasheet
693Kb / 6P
   Glass passivated triacs in a plastic
BT134W-500D KERSEMI-BT134W-500D Datasheet
693Kb / 6P
   Glass passivated triacs in a plastic
BT134-600D KERSEMI-BT134-600D Datasheet
765Kb / 4P
   Glass passivated triacs in a plastic
BT137S-600E KERSEMI-BT137S-600E Datasheet
947Kb / 5P
   Glass passivated triacs in a plastic
BT136-500D KERSEMI-BT136-500D Datasheet
760Kb / 4P
   Glass passivated triacs in a plastic
BT136S-800E KERSEMI-BT136S-800E Datasheet
946Kb / 5P
   Glass passivated triacs in a plastic
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com