Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP450 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSP450
Description  MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP450 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSP450 Datasheet HTML 1Page - Siemens Semiconductor Group BSP450 Datasheet HTML 2Page - Siemens Semiconductor Group BSP450 Datasheet HTML 3Page - Siemens Semiconductor Group BSP450 Datasheet HTML 4Page - Siemens Semiconductor Group BSP450 Datasheet HTML 5Page - Siemens Semiconductor Group BSP450 Datasheet HTML 6Page - Siemens Semiconductor Group BSP450 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
BSP 450
Semiconductor Group
4
Max allowable power dissipation
Ptot = f (TA,TSP)
Ptot [W]
0
2
4
6
8
10
12
14
16
0
2 5
5 0
7 5
100
125
T
T
SP
A
TA, TSP[°C]
On state resistance (Vbb-pin to OUT pin)
RON = f (Tj);Vbb = 24 V;IL = 0.5 A
RON [Ω]
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-50
-25
0
25
50
75
100
125
98%
Tj [°C]
Current limit characteristic
IL(SC) = f (Von) (Von see testcircuit)
IL(SC) [A]
0
0.5
1
1.5
2
2.5
3
3.5
0
5
10
15
20
25
25°C
125°C
-25°C
Von [V]
Typ. input current
IIN = f(VIN); Vbb = 24 V
IIN [µA]
0
10
20
30
40
50
60
70
80
90
0
5
10
15
20
25
125°C
25°C
-25°C
VIN [V]


Similar Part No. - BSP450

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP450 INFINEON-BSP450 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
More results

Similar Description - BSP450

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP550 SIEMENS-BSP550 Datasheet
65Kb / 7P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP550 INFINEON-BSP550 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
BSP450 INFINEON-BSP450 Datasheet
76Kb / 7P
   MiniPROFET(High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
20.06.96
logo
Siemens Semiconductor G...
BSP452 SIEMENS-BSP452 Datasheet
69Kb / 8P
   MiniPROFET (High-side switch Short-circuit protection Input protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP350 INFINEON-BSP350 Datasheet
68Kb / 6P
   MiniPROFET(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
08.04.97
logo
Siemens Semiconductor G...
BSP350 SIEMENS-BSP350 Datasheet
66Kb / 6P
   MiniPROFET (High-side switch Short-circuit protection Overtemperature protection with hysteresis)
logo
Infineon Technologies A...
BSP365 INFINEON-BSP365 Datasheet
65Kb / 6P
   MiniSmart(High-side switch Short-circuit protection Overtemperature protection with hysteresis)
05.03.96
TLE8209-4SA INFINEON-TLE8209-4SA Datasheet
703Kb / 38P
   Short circuit and overtemperature protection
logo
Siemens Semiconductor G...
BTS550P SIEMENS-BTS550P Datasheet
151Kb / 15P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
BTS650P SIEMENS-BTS650P Datasheet
187Kb / 16P
   Smart Highside High Current Power Switch (Overload protection Current limitation Short circuit protection Overtemperature protection)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com