Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30ETH06FP-N3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30ETH06FP-N3
Description  Hyperfast Rectifier, 30 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30ETH06FP-N3 Datasheet(HTML) 1 Page - Vishay Siliconix

  30ETH06FP-N3 Datasheet HTML 1Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 2Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 3Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 4Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 5Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 6Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 7Page - Vishay Siliconix 30ETH06FP-N3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
New Product
VS-30ETH06FP-F3, VS-30ETH06FP-N3
www.vishay.com
Vishay Semiconductors
Revision: 16-Nov-11
1
Document Number: 93403
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 30 A FRED Pt®
FEATURES
• Reduced Qrr and soft recovery
• 175 °C TJ maximum
• For PFC CRM/CCM operation
• Fully isolated package (VINS = 2500 VRMS)
• UL E78996 pending
• Compliant to RoHS Directive 2002/95/EC
• Designed
and
qualified
according
to
JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time and soft recovery.
The planar structure and the platinum doped life time
control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC boost stage in the
AC/DC section of SMPS, inverters or as freewheeling
diodes.
Their extremely optimized stored charge and low recovery
current minimize the switching losses and reduce over
dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
TO-220FP
IF(AV)
30 A
VR
600 V
VF at IF
2.6 V
trr (typ.)
23 ns
TJ max.
175 °C
Diode variation
Single die
3
Anode
1
Cathode
TO-220 FULL-PAK
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 37 °C
30
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
220
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 30 A
-
2.00
2.60
IF = 30 A, TJ = 150 °C
-
1.34
1.75
Reverse leakage current
IR
VR = VR rated
-
0.3
50
μA
TJ = 150 °C, VR = VR rated
-
60
500
Junction capacitance
CT
VR = 600 V
-
33
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 30ETH06FP-N3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
207Kb / 8P
   Hyperfast Rectifier
30ETH06 IRF-30ETH06 Datasheet
191Kb / 7P
   Hyperfast Rectifier
logo
Vishay Siliconix
30ETH06 VISHAY-30ETH06 Datasheet
109Kb / 7P
   Hyperfast Rectifier, 30 A FRED PtTM
Revision: 23-Jun-08
logo
International Rectifier
30ETH06 IRF-30ETH06 Datasheet
314Kb / 9P
   Hyperfast Rectifier
logo
Inchange Semiconductor ...
30ETH06 ISC-30ETH06 Datasheet
279Kb / 2P
   Hyperfast Rectifier
More results

Similar Description - 30ETH06FP-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETH3006-M3 VISHAY-VS-ETH3006-M3 Datasheet
199Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 18-Apr-11
VS-30ETH06STRLPBF VISHAY-VS-30ETH06STRLPBF Datasheet
175Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
Revision: 11-Mar-10
VS-30CTH02SHM3 VISHAY-VS-30CTH02SHM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
VS-30CTH02S-M3 VISHAY-VS-30CTH02S-M3_V01 Datasheet
193Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt®
01-Jan-2022
VS-30CTH02SPBF VISHAY-VS-30CTH02SPBF_V01 Datasheet
147Kb / 9P
   Hyperfast Rectifier, 30 A FRED Pt®
08-Feb-17
VS-E5PW3006LHN3 VISHAY-VS-E5PW3006LHN3 Datasheet
188Kb / 7P
   Hyperfast Rectifier, 30 A FRED Pt® G5
Revision: 02-Sep-2022
VS-CZH6106FP-M3 VISHAY-VS-CZH6106FP-M3_V01 Datasheet
137Kb / 6P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
VS-60CPH03PBF VISHAY-VS-60CPH03PBF_V01 Datasheet
167Kb / 7P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
01-Jan-2022
60CPH03PBF VISHAY-60CPH03PBF_12 Datasheet
166Kb / 8P
   Hyperfast Rectifier, 2 x 30 A FRED Pt®
Revision: 30-Sep-11
VS-EPH3006-F3 VISHAY-VS-EPH3006-F3 Datasheet
234Kb / 11P
   Hyperfast Rectifier, 30 A FRED Pt
Revision: 05-Apr-12
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com