Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15EWX06FNTRR-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 15EWX06FNTRR-M3
Description  Hyperfast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15EWX06FNTRR-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  15EWX06FNTRR-M3 Datasheet HTML 1Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 2Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 3Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 4Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 5Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 6Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 7Page - Vishay Siliconix 15EWX06FNTRR-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93239
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 05-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-15EWX06FN-M3
Vishay Semiconductors Hyperfast Rectifier, 15 A FRED Pt
®
New Product
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery Time vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
IF(AV) - Average Forward Current (A)
10
515
20
25
0
160
180
80
120
140
100
93239_05
Square wave (D = 0.50)
Rated V
R applied
See note (1)
DC
IF(AV) - Average Forward Current (A)
15
20
10
5
25
0
93239_06
35
45
0
15
10
25
5
30
40
20
RMS limit
D = 0.01
D = 0.02
D = 0.05
D = 0.10
D = 0.20
D = 0.50
DC
dIF/dt (A/μs)
100
93239_07
1000
10
45
25
35
20
15
30
40
I
F = 15 A, TJ = 25 °C
I
F = 15 A, TJ = 125 °C
dIF/dt (A/μs)
100
93239_08
1000
0
250
100
150
200
50
I
F = 15 A, TJ = 25 °C
I
F = 15 A, TJ = 125 °C


Similar Part No. - 15EWX06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
15EWX06FN ISC-15EWX06FN Datasheet
276Kb / 2P
   Hyperfast Rectifier
More results

Similar Description - 15EWX06FNTRR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15ETH06SPBF VISHAY-VS-15ETH06SPBF Datasheet
166Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-15ETX06PBF VISHAY-VS-15ETX06PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15EWX06FN-M3 VISHAY-VS-15EWX06FN-M3 Datasheet
159Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
15EWH06FN-M3 VISHAY-15EWH06FN-M3 Datasheet
156Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
VS-15ETH06PBF VISHAY-VS-15ETH06PBF Datasheet
209Kb / 9P
   Hyperfast Rectifier, 15 A Fred Pt®
Revision: 13-May-16
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
203Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-11
VS-15ETH03SPBF VISHAY-VS-15ETH03SPBF Datasheet
181Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-10
15EWH06FN-M3 VISHAY-15EWH06FN-M3_13 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com