Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15EWH06FNTRL-M3 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 15EWH06FNTRL-M3
Description  Hyperfast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15EWH06FNTRL-M3 Datasheet(HTML) 2 Page - Vishay Siliconix

  15EWH06FNTRL-M3 Datasheet HTML 1Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 2Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 3Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 4Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 5Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 6Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 7Page - Vishay Siliconix 15EWH06FNTRL-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93237
2
DiodesAmericas@vishay.com, DiodesAsia@vishay.com,
Revision: 05-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-15EWH06FN-M3
Vishay Semiconductors Hyperfast Rectifier, 15 A FRED Pt
®
New Product
DYNAMIC RECOVERY CHARACTERISTICS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Reverse recovery time
trr
IF = 1 A, dIF/dt = 100 A/μs, VR = 30 V
-
22
30
ns
TJ = 25 °C
IF = 15 A
dIF/dt = 200 A/μs
VR = 390 V
-36
-
TJ = 125 °C
-
75
-
Peak recovery current
IRRM
TJ = 25 °C
-
4.8
-
A
TJ = 125 °C
-
7.2
-
Reverse recovery charge
Qrr
TJ = 25 °C
-
90
-
nC
TJ = 125 °C
-
300
-
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 65
-
175
°C
Thermal resistance,
junction to case per leg
RthJC
-1.4
1.8
°C/W
Thermal resistance,
junction to ambient per leg
RthJA
--
70
Approximate weight
0.3
g
0.01
oz.
Marking device
Case style D-PAK (TO-252AA)
15EWH06FN


Similar Part No. - 15EWH06FNTRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
15EWH06FNTRL-M3 VISHAY-15EWH06FNTRL-M3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results

Similar Description - 15EWH06FNTRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-ETX1506S-M3 VISHAY-VS-ETX1506S-M3 Datasheet
197Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
15ETX06PBF VISHAY-15ETX06PBF_12 Datasheet
198Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15ETH06SPBF VISHAY-VS-15ETH06SPBF Datasheet
166Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 09-Jul-15
VS-15ETX06PBF VISHAY-VS-15ETX06PBF Datasheet
201Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 02-Jan-11
VS-15EWX06FN-M3 VISHAY-VS-15EWX06FN-M3 Datasheet
159Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
VS-15ETH06PBF VISHAY-VS-15ETH06PBF Datasheet
209Kb / 9P
   Hyperfast Rectifier, 15 A Fred Pt®
Revision: 13-May-16
VS-ETH1506FP-M3 VISHAY-VS-ETH1506FP-M3 Datasheet
203Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-11
VS-15ETH03SPBF VISHAY-VS-15ETH03SPBF Datasheet
181Kb / 9P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 11-Mar-10
15EWH06FN-M3 VISHAY-15EWH06FN-M3_13 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
15EWX06FN-M3 VISHAY-15EWX06FN-M3 Datasheet
157Kb / 8P
   Hyperfast Rectifier, 15 A FRED Pt®
Revision: 05-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com