Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15EWL06FN-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 15EWL06FN-M3
Description  Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15EWL06FN-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  15EWL06FN-M3 Datasheet HTML 1Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 2Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 3Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 4Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 5Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 6Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 7Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93568
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 15-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
VS-15AWL06FN-M3, VS-15EWL06FN-M3
Vishay Semiconductors
New Product
FEATURES
• Ultrafast recovery time, extremely low VF and
soft recovery
• 175 °C maximum operating junction temperature
• For PFC DCM operation
• Low leakage current
• Compliant to RoHS Directive 2002/95/EC
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Halogen-free according to IEC 61249-2-21 definition
DESCRIPTION/APPLICATIONS
State of the art, ultralow VF, soft-switching hyperfast
rectifiers optimized for Discontinuous (Critical) Mode (DCM)
Power Factor Correction (PFC).
The minimized conduction loss, optimized stored charge
and low recovery current minimize the switching losses and
reduce over dissipation in the switching element and
snubbers.
The device is also intended for use as a freewheeling diode
in power supplies and other power switching applications.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
15 A
VR
600 V
VF at IF
1.05 V
trr (typ.)
60 ns
TJ max.
175 °C
Diode variation
Single die
D-PAK (TO-252AA)
VS-15EWL06FN-M3
2, 4
3
Anode
1
N/C
VS-15AWL06FN-M3
4, 2
3
Anode
1
Anode
Base cathode
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 148 °C
15
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
180
Peak repetitive forward current
IFM
TC = 148 °C, f = 20 kHz, d = 50 %
30
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 15 A
-
0.99
1.05
IF = 15 A, TJ = 150 °C
-
0.85
0.92
Reverse leakage current
IR
VR = VR rated
-
-
10
μA
TJ = 150 °C, VR = VR rated
-
-
120
Junction capacitance
CT
VR = 600 V
-
11
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 15EWL06FN-M3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
15EWL06FN ISC-15EWL06FN Datasheet
276Kb / 2P
   Hyperfast Rectifier
More results

Similar Description - 15EWL06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15AWL06FN-M3 VISHAY-VS-15AWL06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
15AWL06FN-E3 VISHAY-15AWL06FN-E3 Datasheet
147Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
8E2TL06-E VISHAY-8E2TL06-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
6EWL06FN-E3 VISHAY-6EWL06FN-E3 Datasheet
161Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWL06FN-M3 VISHAY-6EWL06FN-M3 Datasheet
163Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
VS-5EWL06FN-M3 VISHAY-VS-5EWL06FN-M3 Datasheet
156Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-M3 VISHAY-6EWH06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com