Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

15EWL06FN-M3 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 15EWL06FN-M3
Description  Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

15EWL06FN-M3 Datasheet(HTML) 6 Page - Vishay Siliconix

  15EWL06FN-M3 Datasheet HTML 1Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 2Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 3Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 4Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 5Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 6Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 7Page - Vishay Siliconix 15EWL06FN-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93568
6
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 15-Apr-11
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
VS-15AWL06FN-M3, VS-15EWL06FN-M3
Vishay Semiconductors Ultralow VF Ultrafast Rectifier, 15 A FRED Pt
®
New Product
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-15AWL06FN-M3
75
3000
Antistatic plastic tube
VS-15EWL06FN-M3
VS-15AWL06FNTR-M3
2000
2000
13" diameter reel
VS-15EWL06FNTR-M3
VS-15AWL06FNTRL-M3
3000
3000
13" diameter reel
VS-15EWL06FNTRL-M3
VS-15AWL06FNTRR-M3
3000
3000
13" diameter reel
VS-15EWL06FNTRR-M3
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95016
Part marking information
www.vishay.com/doc?95176
Packaging information
www.vishay.com/doc?95033
SPICE model
www.vishay.com/doc?95372
3
-
Current rating (15 = 15 A)
5
-
Package identifier:
W = D-PAK
6
-
L = Hyperfast rectifier
7
-
Voltage rating (06 = 600 V)
8
-
FN = TO-252AA
9
-
TR = Tape and reel
None = Tube
TRL = Tape and reel (left oriented)
TRR = Tape and reel (right oriented)
4
-
Circuit configuration:
A = Single diode (2 anodes)
E = Single diode
2
-
Vishay Semiconductors product
1
-
Environmental digit:
-M3 = Halogen-free, RoHS compliant and terminations lead (Pb)-free
Device code
5
1
3
2
4
6
7
8
9
15
VS-
A
W
L
06
FN
TRL -M3


Similar Part No. - 15EWL06FN-M3

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
15EWL06FN ISC-15EWL06FN Datasheet
276Kb / 2P
   Hyperfast Rectifier
More results

Similar Description - 15EWL06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-15AWL06FN-M3 VISHAY-VS-15AWL06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
15AWL06FN-E3 VISHAY-15AWL06FN-E3 Datasheet
147Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
8E2TL06-E VISHAY-8E2TL06-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
6EWL06FN-E3 VISHAY-6EWL06FN-E3 Datasheet
161Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWL06FN-M3 VISHAY-6EWL06FN-M3 Datasheet
163Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
VS-5EWL06FN-M3 VISHAY-VS-5EWL06FN-M3 Datasheet
156Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-M3 VISHAY-6EWH06FN-M3 Datasheet
157Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com