Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8EWX06FN-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 8EWX06FN-M3
Description  Hyperfast Rectifier, 8 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8EWX06FN-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  8EWX06FN-M3 Datasheet HTML 1Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 2Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 3Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 4Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 5Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 6Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 7Page - Vishay Siliconix 8EWX06FN-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93244
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 06-Apr-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Hyperfast Rectifier, 8 A FRED Pt®
VS-8EWX06FN-M3
Vishay Semiconductors
New Product
FEATURES
• Hyperfast recovery time, extremely low Qrr
• 175 °C maximum operating junction temperature
• For PFC CCM operation
• Low forward voltage drop
• Low leakage current
• Meets MSL level 1, per J-STD-020, LF maximum
peak of 260 °C
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time, and soft recovery.
The planar structure and the platinum doped life time
control guarantee the best overall performance, ruggedness
and reliability characteristics.
These devices are intended for use in PFC boost stage in the
AC/DC section of SMPS inverters or as freewheeling diodes.
Their extremely optimized stored charge and low recovery
current
minimize
the
switching
losses
and
reduce
over dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
8 A
VR
600 V
VF at IF
3.0 V
trr (typ.)
15 ns
TJ max.
175 °C
Diode variation
Single die
2, 4
3
Anode
1
N/C
D-PAK (TO-252AA)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 140 °C
8
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
90
Peak repetitive forward current
IFM
TC = 140 °C, f = 20 kHz, d = 50 %
16
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 8 A
-
2.3
3.0
IF = 8 A, TJ = 150 °C
-
1.4
1.7
Reverse leakage current
IR
VR = VR rated
-
-
50
μA
TJ = 150 °C, VR = VR rated
-
-
500
Junction capacitance
CT
VR = 600 V
-
7
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 8EWX06FN-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
8EWF IRF-8EWF Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF..S VISHAY-8EWF..S Datasheet
172Kb / 9P
   optimized or combined short reverse rocovery time, low forward voltage drop and low leakage current
rev. B 10/99
8EWF02SPBF VISHAY-8EWF02SPBF Datasheet
238Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 01-Jul-09
logo
International Rectifier
8EWF02STRL IRF-8EWF02STRL Datasheet
162Kb / 8P
   SURFACE MOUNTABLE FAST SOFT RECOVERY DIODE
logo
Vishay Siliconix
8EWF02STRLPBF VISHAY-8EWF02STRLPBF Datasheet
238Kb / 8P
   Surface Mountable Fast Soft Recovery Diode, 8 A
Revision: 01-Jul-09
More results

Similar Description - 8EWX06FN-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8E2TX06-E VISHAY-8E2TX06-E Datasheet
174Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 18-Aug-10
8EWH02FN-M3 VISHAY-8EWH02FN-M3 Datasheet
147Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 31-Mar-11
VS-ETH0806-M3 VISHAY-VS-ETH0806-M3 Datasheet
204Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 16-Sep-13
VS-8EWH02FN-M3 VISHAY-VS-8EWH02FN-M3 Datasheet
147Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 31-Mar-11
VS-8EWX06FN-M3 VISHAY-VS-8EWX06FN-M3 Datasheet
167Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 05-Oct-16
8S2TH06I-M VISHAY-8S2TH06I-M Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
8EWH06FN-M3 VISHAY-8EWH06FN-M3 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
VS-8ETH06PBF VISHAY-VS-8ETH06PBF Datasheet
194Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 02-Jan-12
VS-16CDH02-M3 VISHAY-VS-16CDH02-M3_V01 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-16CDH02HM3 VISHAY-VS-16CDH02HM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com