Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

8E2TX06-E Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 8E2TX06-E
Description  Hyperfast Rectifier, 8 A FRED Pt®
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

8E2TX06-E Datasheet(HTML) 3 Page - Vishay Siliconix

  8E2TX06-E Datasheet HTML 1Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 2Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 3Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 4Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 5Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 6Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 7Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 8Page - Vishay Siliconix 8E2TX06-E Datasheet HTML 9Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 93171
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 18-Aug-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VS-8E2TX06-E, VS-8E2TX06-M, VS-8E2TX06FP-E
Hyperfast Rectifier, 8 A FRED Pt®
Vishay Semiconductors
Fig. 1 - Typical Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (TO-220)
VF - Forward Voltage Drop (V)
0.2
0.4
0.6
1.0
1.4
0.8
1.2
1.6
1.8
0.1
1
10
100
93171_01
T
J = 175 °C
T
J = 150 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
1020304050
0.0001
0.001
0.01
0.1
1
10
100
1000
93171_02
T
J = 125 °C
T
J = 175 °C
T
J = 150 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
VR - Reverse Voltage (V)
0
100
200
400
500
300
600
1
100
10
93171_03
0.1
1
10
0.00001
93171_04
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
Single pulse
(thermal resistance)
D = 0.50
D = 0.20
D = 0.10
D = 0.05
D = 0.02
D = 0.01


Similar Part No. - 8E2TX06-E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8E2TL06-E VISHAY-8E2TL06-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
8E2TL06-M VISHAY-8E2TL06-M Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
8E2TL06FP-E VISHAY-8E2TL06FP-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
More results

Similar Description - 8E2TX06-E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
8EWH02FN-M3 VISHAY-8EWH02FN-M3 Datasheet
147Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 31-Mar-11
8EWX06FN-M3 VISHAY-8EWX06FN-M3 Datasheet
156Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 06-Apr-11
VS-ETH0806-M3 VISHAY-VS-ETH0806-M3 Datasheet
204Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 16-Sep-13
VS-8EWH02FN-M3 VISHAY-VS-8EWH02FN-M3 Datasheet
147Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 31-Mar-11
VS-8EWX06FN-M3 VISHAY-VS-8EWX06FN-M3 Datasheet
167Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 05-Oct-16
8S2TH06I-M VISHAY-8S2TH06I-M Datasheet
131Kb / 7P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
8EWH06FN-M3 VISHAY-8EWH06FN-M3 Datasheet
153Kb / 8P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
VS-8ETH06PBF VISHAY-VS-8ETH06PBF Datasheet
194Kb / 9P
   Hyperfast Rectifier, 8 A FRED Pt®
Revision: 02-Jan-12
VS-16CDH02-M3 VISHAY-VS-16CDH02-M3_V01 Datasheet
156Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
VS-16CDH02HM3 VISHAY-VS-16CDH02HM3_V01 Datasheet
159Kb / 7P
   Hyperfast Rectifier, 2 x 8 A FRED Pt®
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com