Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6TQ035SPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 6TQ035SPBF
Description  Schottky Rectifier, 6 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6TQ035SPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  6TQ035SPBF_12 Datasheet HTML 1Page - Vishay Siliconix 6TQ035SPBF_12 Datasheet HTML 2Page - Vishay Siliconix 6TQ035SPBF_12 Datasheet HTML 3Page - Vishay Siliconix 6TQ035SPBF_12 Datasheet HTML 4Page - Vishay Siliconix 6TQ035SPBF_12 Datasheet HTML 5Page - Vishay Siliconix 6TQ035SPBF_12 Datasheet HTML 6Page - Vishay Siliconix 6TQ035SPBF_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions, contact: diodestech@vishay.com
Document Number: 94253
4
Revision: 15-Mar-10
VS-6TQ035SPbF, VS-6TQ040SPbF, VS-6TQ045SPbF
Vishay High Power Products
Schottky Rectifier, 6 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Fig. 8 - Unclamped Inductive Test Circuit
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
DC
See note (1)
Square wave (D = 0.50)
80 % rated V
R applied
150
155
160
165
170
175
180
IF(AV) - Average Forward Current (A)
2
13
4
5
6
7
8
9
0
0
3
2
1
4
5
IF(AV) - Average Forward Current (A)
2
13
4
8
56
7
0
9
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
100
1000
tp - Square Wave Pulse Duration (µs)
100
1000
10 000
10
At any rated load condition
and with rated V
RRM applied
following surge
Current
monitor
High-speed
switch
D.U.T.
R
g = 25 Ω
+
Freewheel
diode
V
d = 25 V
L
IRFP460
40HFL40S02


Similar Part No. - 6TQ035SPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
More results

Similar Description - 6TQ035SPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6TQ045 VISHAY-6TQ045 Datasheet
111Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ045SPBF VISHAY-6TQ045SPBF Datasheet
127Kb / 6P
   Schottky Rectifier, 6 A
Revision: 26-May-08
6TQS VISHAY-6TQS Datasheet
107Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
VS-6TQPBF VISHAY-VS-6TQPBF Datasheet
168Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
VS-6TQPBF VISHAY-VS-6TQPBF_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 6 A
08-Feb-17
6TQ045PBF VISHAY-6TQ045PBF Datasheet
115Kb / 6P
   Schottky Rectifier, 6 A
Revision: 06-Jun-08
6TQ045S VISHAY-6TQ045S Datasheet
124Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
6TQ035SPBF VISHAY-6TQ035SPBF_10 Datasheet
122Kb / 6P
   Schottky Rectifier, 6 A
Revision: 15-Mar-10
6TQ035PBF VISHAY-6TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 6 A
Revision: 29-Aug-11
6TQ VISHAY-6TQ Datasheet
94Kb / 6P
   Schottky Rectifier, 6 A
Revision: 27-Jun-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com