Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6EWH06FNTR-M3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 6EWH06FNTR-M3
Description  Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6EWH06FNTR-M3 Datasheet(HTML) 1 Page - Vishay Siliconix

  6EWH06FNTR-M3 Datasheet HTML 1Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 2Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 3Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 4Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 5Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 6Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 7Page - Vishay Siliconix 6EWH06FNTR-M3 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Document Number: 93514
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 31-Mar-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
This document is subject to change without notice.
THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
VS-6EWH06FN-M3
Vishay Semiconductors
New Product
FEATURES
• Hyperfast recovery time, reduced Qrr and soft
recovery
• 175 °C maximum operating junction temperature
• For PFC CRM/CCM operation
• Low forward voltage drop
• Low leakage current
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• Compliant to RoHS Directive 2002/95/EC
• Halogen-free according to IEC 61249-2-21 definition
DESCRIPTION/APPLICATIONS
State of the art hyperfast recovery rectifiers designed with
optimized performance of forward voltage drop, hyperfast
recovery time, and soft recovery.
The planar structure and the platinum doped life time
control
guarantee
the
best
overall
performance,
ruggedness and reliability characteristics.
These devices are intended for use in PFC boost stage in
the AC/DC section of SMPS inverters or as freewheeling
diodes. Their extremely optimized stored charge and low
recovery current minimize the switching losses and reduce
over dissipation in the switching element and snubbers.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
6 A
VR
600 V
VF at IF
2.1 V
trr (typ.)
18 ns
TJ max.
175 °C
Diode variation
Single die
2, 4
3
Anode
1
N/C
D-PAK (TO-252AA)
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Peak repetitive reverse voltage
VRRM
600
V
Average rectified forward current
IF(AV)
TC = 144 °C
6
A
Non-repetitive peak surge current
IFSM
TJ = 25 °C
70
Peak repetitive forward current
IFM
TC = 144 °C, f = 20 kHz, d = 50 %
12
Operating junction and storage temperatures
TJ, TStg
- 65 to 175
°C
ELECTRICAL SPECIFICATIONS (TJ = 25 °C unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNITS
Breakdown voltage,
blocking voltage
VBR,
VR
IR = 100 μA
600
-
-
V
Forward voltage
VF
IF = 6 A
-
1.60
2.1
IF = 6 A, TJ = 150 °C
-
1.26
1.7
Reverse leakage current
IR
VR = VR rated
-
-
50
μA
TJ = 150 °C, VR = VR rated
-
-
250
Junction capacitance
CT
VR = 600 V
-
3.5
-
pF
Series inductance
LS
Measured lead to lead 5 mm from package body
-
8
-
nH


Similar Part No. - 6EWH06FNTR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6EWH06FN-E3 VISHAY-6EWH06FN-E3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
More results

Similar Description - 6EWH06FNTR-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6EWL06FN-E3 VISHAY-6EWL06FN-E3 Datasheet
161Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWL06FN-M3 VISHAY-6EWL06FN-M3 Datasheet
163Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
6EWH06FN-E3 VISHAY-6EWH06FN-E3_12 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt®
Revision: 31-Mar-11
VS6EWH06FNHM3 VISHAY-VS6EWH06FNHM3 Datasheet
140Kb / 7P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt
Revision: 10-Jul-15
VS-6EWH06FNHM3 VISHAY-VS-6EWH06FNHM3 Datasheet
128Kb / 7P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt
Revision: 10-Jul-15
VS-6EWL06FN-M3 VISHAY-VS-6EWL06FN-M3 Datasheet
164Kb / 8P
   Ultralow VF Ultrafast Rectifier, 6 A FRED Pt
Revision: 04-Oct-16
8E2TL06-E VISHAY-8E2TL06-E Datasheet
175Kb / 10P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 19-Aug-10
5EWL06FN-M3 VISHAY-5EWL06FN-M3 Datasheet
149Kb / 8P
   Ultralow VF Ultrafast Rectifier, 5 A FRED Pt®
Revision: 31-Mar-11
15AWL06FN-M3 VISHAY-15AWL06FN-M3 Datasheet
150Kb / 8P
   Ultralow VF Ultrafast Rectifier, 15 A FRED Pt®
Revision: 15-Apr-11
8EWL06FN-M3 VISHAY-8EWL06FN-M3 Datasheet
154Kb / 8P
   Ultralow VF Ultrafast Rectifier, 8 A FRED Pt®
Revision: 05-Apr-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com