Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6CWH02FNTRLPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 6CWH02FNTRLPBF
Description  Ultrafast Rectifier, 2 x 3 A FRED Pt®
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWH02FNTRLPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  6CWH02FNTRLPBF Datasheet HTML 1Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 2Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 3Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 4Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 5Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 6Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 7Page - Vishay Siliconix 6CWH02FNTRLPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 94550
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 13-Jan-11
VS-6CWH02FNPbF
Vishay Semiconductors Ultrafast Rectifier, 2 x 3 A FRED Pt®
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Typical Reverse Recovery vs. dIF/dt
Fig. 8 - Typical Stored Charge vs. dIF/dt
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = Rated VR
Average Forward Current - IF
(AV)
(A)
0
1
2
3
4
5
130
140
150
160
170
180
DC
see note (1)
Square wave (D=0.50)
rated Vr applied
Average Forward Current - IF
(AV)
(A)
012
3
45
0
1
2
3
4
5
D = 0.01
D = 0.02
D = 0.05
D = 0.1
D = 0.2
D = 0.5
RMS Limit
DC
di F /dt (A/μs )
10
20
30
40
50
0
0
0
1
0
0
1
IF = 3 A
IF = 6 A
R
J
J
V = 30V
T = 125˚C
T = 25˚C
di F /dt (A/μs )
0
20
40
60
80
100
120
140
0
0
0
1
0
0
1
R
J
J
V = 30V
T = 125˚C
T = 25˚C
IF = 6 A
IF = 3 A


Similar Part No. - 6CWH02FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWH02FNTRLPBF VISHAY-6CWH02FNTRLPBF Datasheet
117Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED PtTM
Revision: 21-Jul-08
More results

Similar Description - 6CWH02FNTRLPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MURD620CTHM3 VISHAY-VS-MURD620CTHM3 Datasheet
122Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 10-Jul-15
VS-6CWH02FNHM3 VISHAY-VS-6CWH02FNHM3 Datasheet
123Kb / 7P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 02-Aug-12
VS-MURD620CT-M3 VISHAY-VS-MURD620CT-M3 Datasheet
159Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 05-Oct-16
VS-6CWH02FN-M3 VISHAY-VS-6CWH02FN-M3 Datasheet
148Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 31-Mar-11
VS-MURD620CTPBF VISHAY-VS-MURD620CTPBF Datasheet
155Kb / 8P
   Ultrafast Rectifier, 2 x 3 A FRED Pt®
Revision: 13-Jan-11
VS-60CPU04-F3 VISHAY-VS-60CPU04-F3 Datasheet
153Kb / 7P
   Ultrafast Rectifier, 2 x 30 A FRED Pt®
Revision: 18-Oct-16
VS-30CDU06-M3 VISHAY-VS-30CDU06-M3 Datasheet
130Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 10-Feb-15
VS-MURB1620CTHM3 VISHAY-VS-MURB1620CTHM3 Datasheet
188Kb / 8P
   Ultrafast Rectifier, 2 x 8 A FRED Pt®
Revision: 10-Jul-15
VS-CPU3006L-M3 VISHAY-VS-CPU3006L-M3 Datasheet
266Kb / 7P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 18-Sep-14
VS-MUR3020WTPBF VISHAY-VS-MUR3020WTPBF Datasheet
163Kb / 8P
   Ultrafast Rectifier, 2 x 15 A FRED Pt®
Revision: 15-Aug-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com