Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSP320S Datasheet(PDF) 2 Page - Siemens Semiconductor Group

Part # BSP320S
Description  SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSP320S Datasheet(HTML) 2 Page - Siemens Semiconductor Group

  BSP320S Datasheet HTML 1Page - Siemens Semiconductor Group BSP320S Datasheet HTML 2Page - Siemens Semiconductor Group BSP320S Datasheet HTML 3Page - Siemens Semiconductor Group BSP320S Datasheet HTML 4Page - Siemens Semiconductor Group BSP320S Datasheet HTML 5Page - Siemens Semiconductor Group BSP320S Datasheet HTML 6Page - Siemens Semiconductor Group BSP320S Datasheet HTML 7Page - Siemens Semiconductor Group BSP320S Datasheet HTML 8Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Semiconductor Group
2
29/01/1998
BSP 320 S
Maximum Ratings
Parameter
Symbol
Values
Unit
Chip or operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip to ambient air 1)
RthJA
70
K/W
Thermal resistance, junction-soldering point 1)
RthJS
17
IEC climatic category, DIN IEC 68-1
55 / 150 / 56
1) Transistor on epoxy pcb 40 mm x 40 mm x 1,5 mm with 6 cm2 copper area for drain connection
*) MIL STD 883, Method 3015, Class 2
Electrical Characteristics,
at Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = 0.25 mA, Tj = 25 °C
V(BR)DSS
60
-
-
V
Gate threshold voltage
VGS=VDS, ID = 20 µA
VGS(th)
2.1
3
4
Zero gate voltage drain current
VDS = 60 V, VGS = 0 V, Tj = -40 °C
VDS = 60 V, VGS = 0 V, Tj = 25 °C
VDS = 60 V, VGS = 0 V, Tj = 125 °C
IDSS
-
-
-
-
0.1
-
100
1
0.1
µA
Gate-source leakage current
VGS = 20 V, VDS = 0 V
IGSS
-
10
100
nA
Drain-Source on-state resistance
VGS = 10 V, ID = 2.9 A
RDS(on)
-
0.09
0.12


Similar Part No. - BSP320S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP320S INFINEON-BSP320S Datasheet
79Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
BSP320S INFINEON-BSP320S Datasheet
460Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.3 2008-03-26
BSP320S INFINEON-BSP320S_08 Datasheet
460Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.3 2008-03-26
More results

Similar Description - BSP320S

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSP17 SIEMENS-BSP17 Datasheet
140Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP373 SIEMENS-BSP373 Datasheet
168Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP298 SIEMENS-BSP298 Datasheet
170Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP299 SIEMENS-BSP299 Datasheet
169Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP300 SIEMENS-BSP300 Datasheet
98Kb / 8P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Avalanche rated)
BSP170 SIEMENS-BSP170 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Avalanche rated)
BSP372 SIEMENS-BSP372 Datasheet
167Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated
BSP318S SIEMENS-BSP318S Datasheet
129Kb / 8P
   SIPMOS Small-Signal Transistor(N channel Enhancement mode Logic Level Avalanche rated)
BSP319 SIEMENS-BSP319 Datasheet
165Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode Logic Level Avalanche rated)
BSP171 SIEMENS-BSP171 Datasheet
101Kb / 8P
   SIPMOS Small-Signal Transistor (P channel Enhancement mode Logic Level Avalanche rated)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com