Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPS2907A Datasheet(PDF) 1 Page - Tiger Electronic Co.,Ltd

Part # MPS2907A
Description  PNP EPITAXIAL PLANAR TRANSISTOR
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MPS2907A Datasheet(HTML) 1 Page - Tiger Electronic Co.,Ltd

  MPS2907A Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MPS2907A Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MPS2907A Datasheet HTML 3Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MPS2907A
PNP EPITAXIAL PLANAR TRANSISTOR
Description
The MPS2907A is designed for general purpose amplifier and high speed,
medium-power switching applications.
Features
• Low Collector Saturation voltage.
• High Speed Switching.
• For Complementary Use with NPN Type MPS2222A.
Absolute Maximum Ratings
• Maximum Temperatures
Storage Temperature ........................................................................................................... -55~+150
°C
Junction Temperature .....................................................................................................150
Maximum
• Maximum Power Dissipation
Total Power Dissipation (Ta=25
°C)............................................................................................. 625 mW
• Maximum Voltages and Currents (Ta=25°C)
VCBO Collector to Base Voltage...................................................................................................... 60 V
VCEO Collector to Emitter Voltage................................................................................................... 60 V
VEBO Emitter to Base Voltage........................................................................................................... 5 V
IC Collector Current ................................................................................................................... 600 mA
Characteristics (Ta=25
°C)
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
BVCBO
60
-
-
V
IC=10uA, IE=0
BVCEO
60
-
-
V
IC=10mA, IB=0
BVEBO
5
-
-
V
IC=10uA, IC=0
ICBO
-
-
10
nA
VCB=50V, IC=0
ICEX
-
-
50
nA
VCE=30V, VBE=0.5V
VCE(sat)1
-
0.2
0.4
V
IC=150mA, IB=15mA
VCE(sat)2
-
0.5
1.6
V
IC=500mA, IB=50mA
VBE(sat)1
-
-
1.3
V
IC=150mA, IB=15mA
VBE(sat)2
-
-
2.6
V
IC=500mA, IB=50mA
hFE1
75
-
-
VCE=10V, IC=100uA
hFE2
100
-
-
VCE=10V, IC=1mA
hFE3
100
-
-
VCE=10V, IC=10mA
hFE4
100
180
300
VCE=10V, IC=150mA
hFE5
50
-
-
VCE=10V, IC=500mA
fT
200
-
-
MHz
VCE=20V, IC=50mA, f=100MHz
Cob
-
-
8
pF
VCB=10V, F=1MHz
TIGER ELECTRONIC CO.,LTD
TIGER ELECTRONIC CO.,LTD


Similar Part No. - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPS2907A MOTOROLA-MPS2907A Datasheet
245Kb / 6P
   General Purpose Transistors
logo
Allied Components Inter...
MPS2907A ALLIED-MPS2907A Datasheet
53Kb / 1P
   Plastic-Encapsulated Multiple Transistors ??Quad Surface Mount (Case 751B-SO-16) ??NPN/PNP)
logo
ON Semiconductor
MPS2907A ONSEMI-MPS2907A Datasheet
115Kb / 8P
   General Purpose Transistors(PNP Silicon)
October, 2001 ??Rev. 0
logo
Continental Device Indi...
MPS2907A CDIL-MPS2907A Datasheet
198Kb / 5P
   PNP SILICON PLANAR EPITAXIAL TRANSISTORS
logo
Samsung semiconductor
MPS2907A SAMSUNG-MPS2907A Datasheet
36Kb / 1P
   PNP (GENERAL PURPOSE TRANSISTOR)
More results

Similar Description - MPS2907A

ManufacturerPart #DatasheetDescription
logo
Hi-Sincerity Mocroelect...
HI350 HSMC-HI350 Datasheet
25Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HI42C HSMC-HI42C Datasheet
32Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ2584 HSMC-HJ2584 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ350 HSMC-HJ350 Datasheet
23Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HJ649A HSMC-HJ649A Datasheet
27Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM1426 HSMC-HM1426 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM2907A HSMC-HM2907A Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM3906 HSMC-HM3906 Datasheet
31Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM64 HSMC-HM64 Datasheet
30Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
HM772 HSMC-HM772 Datasheet
46Kb / 5P
   PNP EPITAXIAL PLANAR TRANSISTOR
HA8550 HSMC-HA8550 Datasheet
36Kb / 3P
   PNP EPITAXIAL PLANAR TRANSISTOR
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com