Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MV036F180M007 Datasheet(PDF) 2 Page - Vicor Corporation

Part # MV036F180M007
Description  Transformer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

MV036F180M007 Datasheet(HTML) 2 Page - Vicor Corporation

  MV036F180M007 Datasheet HTML 1Page - Vicor Corporation MV036F180M007 Datasheet HTML 2Page - Vicor Corporation MV036F180M007 Datasheet HTML 3Page - Vicor Corporation MV036F180M007 Datasheet HTML 4Page - Vicor Corporation MV036F180M007 Datasheet HTML 5Page - Vicor Corporation MV036F180M007 Datasheet HTML 6Page - Vicor Corporation MV036F180M007 Datasheet HTML 7Page - Vicor Corporation MV036F180M007 Datasheet HTML 8Page - Vicor Corporation MV036F180M007 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
vicorpower.com
800-735-6200
V•I Chip Transformer
MV036 SERIES
Rev. 2.8
Page 2 of 10
Electrical Specifications
Parameter
Min
Typ
Max
Unit
Note
Input voltage range
26
36
50
Vdc
Operable down to zero V with VC voltage applied
Input dV/dt
1
V/µs
Input overvoltage turn-on
50.5
54.4
Vdc
Input overvoltage turn-off
55.5
57.5
Vdc
Input current
3.5
Adc
Continuous
No load power dissipation
1.5
3.0
6.0
W
Low line to high line
Input Specs (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)
Parameter
Min
Typ
Max
Unit
Note
Output voltage
See Table 1
Vdc
No load
K•VIN – IO•ROUT NOM
Vdc
Full load
Rated DC current
0
100
Adc
26 - 50 VIN
See Table 1
Peak repetitive current
150%
IMAX (A)
Max pulse width 1ms, max duty cycle 10%,
baseline power 50%
DC current limit
160%
INOM (A)
Module will shut down when current limit is reached
or exceeded
Current share accuracy
5
10
%
Efficiency
See Table 2, Page 3
Load capacitance
See Table 2 when used with PRM
Output overvoltage setpoint
110%
115%
VOUT MAX
Output ripple voltage (typ)
No external bypass
50
250
mV
See Figures 2 and 5
10 µF bypass capacitor
2
20
mV
See Figure 6
Effective switching frequency
2.5
3.0
3.6
MHz
Model dependent
Line regulation
0.99K
K
1.01K
VOUT = K•VIN at no load, See Table 1
Load regulation
ROUTMIN
ROUTMAX
m
Ω
See Table 1
Transient response
Response time
200
ns
See Figures 7 and 8
Recovery time
1
µs
See Figures 7 and 8
Output Specs (Conditions are at 36 Vin, full load, and 25°C ambient unless otherwise specified)


Similar Part No. - MV036F180M007

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
MV036F180M007 VICOR-MV036F180M007 Datasheet
678Kb / 10P
   VTM Current Multiplier
MV036F180M007 VICOR-MV036F180M007 Datasheet
1Mb / 10P
   High density
MV036F180M007 VICOR-MV036F180M007 Datasheet
1Mb / 10P
   MV036 SERIES
More results

Similar Description - MV036F180M007

ManufacturerPart #DatasheetDescription
logo
TRIAD MAGNETICS
VPS10-13000 TRIAD-VPS10-13000 Datasheet
158Kb / 1P
   POWER TRANSFORMER POWER TRANSFORMER
logo
Pulse A Technitrol Comp...
BX4030 PULSE-BX4030 Datasheet
46Kb / 1P
   VDSL TRANSFORMER VDSL TRANSFORMER
logo
Bel Fuse Inc.
0559-3855-00 BEL-0559-3855-00 Datasheet
56Kb / 1P
   TRANSFORMER
logo
SCHOTT CORPORATION
22632 SCHOTT-22632 Datasheet
13Kb / 1P
   TRANSFORMER
logo
Wurth Elektronik GmbH &...
750871032 WURTH-750871032 Datasheet
54Kb / 1P
   TRANSFORMER
MIC38121-5356X-LF3 WURTH-MIC38121-5356X-LF3 Datasheet
354Kb / 2P
   TRANSFORMER
750310349 WURTH-750310349 Datasheet
167Kb / 1P
   TRANSFORMER
750310617 WURTH-750310617 Datasheet
186Kb / 1P
   TRANSFORMER
750310799 WURTH-750310799 Datasheet
203Kb / 1P
   TRANSFORMER
750310926 WURTH-750310926 Datasheet
139Kb / 1P
   TRANSFORMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com