Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VTM48EF020T080A00 Datasheet(PDF) 1 Page - Vicor Corporation

Part # VTM48EF020T080A00
Description  Current Multiplier
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

VTM48EF020T080A00 Datasheet(HTML) 1 Page - Vicor Corporation

  VTM48EF020T080A00 Datasheet HTML 1Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 2Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 3Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 4Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 5Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 6Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 7Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 8Page - Vicor Corporation VTM48EF020T080A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Rev. 3.1
2/2011
Page 1 of 18
V•I CHIP CORP. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
x 020
080A00
y
E
48
VTM
FEATURES
48 Vdc to 2 Vdc 80 A current multiplier
- Operating from standard 48 V or 24 V PRMTM regulators
High efficiency (>92%) reduces system power
consumption
High density (272 A/in3)
“Full Chip” VI Chip package enables surface mount,
low impedance interconnect to system board
Contains built-in protection features:
- Overvoltage Lockout
- Overcurrent
- Short Circuit
- Overtemperature
Provides enable / disable control,
internal temperature monitoring
ZVS / ZCS resonant Sine Amplitude Converter topology
Less than 50ºC temperature rise at full load
in typical applications
TYPICAL APPLICATIONS
High End Computing Systems
Automated Test Equipment
High Density Power Supplies
Communications Systems
DESCRIPTION
The VI ChipTM current multiplier is a high efficiency (>92%)
Sine Amplitude ConverterTM (SACTM) operating from a
26 to 55 Vdc primary bus to deliver an isolated output. The
Sine Amplitude Converter offers a low AC impedance beyond
the bandwidth of most downstream regulators; therefore
capacitance normally at the load can be located at the input to
the Sine Amplitude Converter. Since the K factor of the
VTM48EF020T080A00 is 1/24, the capacitance value can be
reduced by a factor of 576, resulting in savings of board area,
materials and total system cost.
The VTM48EF020T080A00 is provided in a VI Chip package
compatible with standard pick-and-place and surface mount
assembly processes. The co-molded VI Chip package provides
enhanced thermal management due to a large thermal
interface area and superior thermal conductivity. The high
conversion efficiency of the VTM48EF020T080A00 increases
overall system efficiency and lowers operating costs compared
to conventional approaches.
The VTM48EF020T080A00 enables the utilization of Factorized
Power ArchitectureTM which provides efficiency and size
benefits by lowering conversion and distribution losses and
promoting high density point of load conversion.
VTMTM
Current Multiplier
VIN = 26 to 55 V
VOUT = 0.5 to 2.3 V(NO LOAD)
IOUT = 80 A(NOM)
K = 1/24
VIN
L
O
A
D
PR
PC
VC
TM
IL
OS
SG
PRM
TM
Regulator
CD
-Out
+Out
-In
+In
PC
VC
TM
-Out
+Out
-In
+In
Regulator
Voltage Transformer
Factorized Power Architecture
TM
VTM
TM
Transformer
(See Application Note AN:024)
C
US
®
S
NRTL
C
US
PART NUMBER
PACKAGE STYLE
PRODUCT GRADE
F = J-Lead
T = -40 to 125°C
T = Through hole
M = -55 to 125°C
PART NUMBERING
For Storage and Operating Temperatures see Section 6.0 General Characteristics
020
x
y 080A00
E
48
VTM
TYPICAL APPLICATION


Similar Part No. - VTM48EF020T080A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EF020T080A00 VICOR-VTM48EF020T080A00 Datasheet
2Mb / 18P
   High Efficiency, Sine Amplitude Converter
More results

Similar Description - VTM48EF020T080A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
VTM48EH015T050A00 VICOR-VTM48EH015T050A00 Datasheet
1Mb / 16P
   Current Multiplier
VTM48EH020X040A00 VICOR-VTM48EH020X040A00 Datasheet
1Mb / 16P
   Current Multiplier
V048F480T006 VICOR-V048F480T006 Datasheet
1Mb / 11P
   VTM Current Multiplier
V048F080T030 VICOR-V048F080T030 Datasheet
773Kb / 11P
   VTM Current Multiplier
VTD48EF120T025A00 VICOR-VTD48EF120T025A00 Datasheet
2Mb / 18P
   VTM Current Multiplier
VT048A160T015FP VICOR-VT048A160T015FP Datasheet
881Kb / 11P
   VTM??Current Multiplier
logo
Elantec Semiconductor
EL2082C ELANTEC-EL2082C Datasheet
357Kb / 16P
   Current-Mode Multiplier
logo
Vicor Corporation
V048F015T100 VICOR-V048F015T100 Datasheet
1,013Kb / 11P
   VTM Current Multiplier
V048F030T070 VICOR-V048F030T070 Datasheet
892Kb / 11P
   VTM Current Multiplier
V048F120T025 VICOR-V048F120T025 Datasheet
1,022Kb / 11P
   VTM Current Multiplier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com