Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BCM48BH120T120A00 Datasheet(PDF) 3 Page - Vicor Corporation

Part # BCM48BH120T120A00
Description  Bus Converter
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

BCM48BH120T120A00 Datasheet(HTML) 3 Page - Vicor Corporation

  BCM48BH120T120A00 Datasheet HTML 1Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 2Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 3Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 4Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 5Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 6Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 7Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 8Page - Vicor Corporation BCM48BH120T120A00 Datasheet HTML 9Page - Vicor Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Rev. 2.0
12/10
Page 3 of 16
V•I CHIP INC. (A VICOR COMPANY) 25 FRONTAGE RD. ANDOVER, MA 01810 800-735-6200
vicorpower.com
BCM48BH120T120A00 - BCM48BH120M120A00
ATTRIBUTE
SYMBOL
CONDITIONS / NOTES
MIN
TYP
MAX
UNIT
Voltage range
VIN
38
48
55
Vdc
dV/dt
dVIN /dt
1
V/µs
Quiescent power
PQ
PC connected to -IN
68
150
mW
No load power dissipation
PNL
VIN = 48 V
1.7
3.0
W
VIN = 38 to 55 V
3.5
Inrush current peak
IINR-P
VIN = 48 V COUT = 500 µF,
5.5
12
A
IOUT = 10.55 A
DC input current
IIN-DC
3.5
A
K factor
(VOUT)
K
1/4
VIN
Output power (average)
POUT
VIN = 38 – 55 Vdc; See Figure 14
97
W
VIN = 46 – 55 Vdc; See Figure 14
120
Output power (peak)
POUT-P
VIN = 46 – 55 Vdc
150
W
Average P
OUT < = 120 W, Tpeak < 10 ms
Output voltage
VOUT
Section 3.0
8.5
14
V
Output current (average)
IOUT
Pout < =120 W
11.3
A
Efficiency (ambient)
η
VIN = 48 V, POUT = 120 W
93
94.6
%
VIN = 38 V to 55 V, POUT = 100 W
90.5
Efficiency (hot)
η
VIN = 48 V, TJ = 100°C, POUT = 120 W
92.6
93.7
%
Minimum efficiency
η
24 W < POUT < POUT Max
89
%
(over load range)
Output resistance (ambient)
ROUT
TJ = 25°C
35.4
44.1
55.8
m
Ω
Output resistance (hot)
ROUT
TJ = 125°C
46.1
56.1
69.1
m
Ω
Output resistance (cold)
ROUT
TJ = -40°C
27.2
35.0
45.7
m
Ω
Load capacitance
COUT
500
uF
Switching frequency
FSW
1.60
1.75
1.90
MHz
Ripple frequency
FSW-RP
3.20
3.50
3.80
MHz
Output voltage ripple
VOUT-PP
COUT = 0 µF, IOUT = 10.55 A, VIN = 48 V,
140
355
mV
Section 8.0
VIN to VOUT (application of VIN)TON1
VIN = 48 V, CPC = 0; See Figure 16
570
800
ms
PC
PC voltage (operating)
VPC
4.7
5.0
5.3
V
PC voltage (enable)
VPC-EN
2.0
2.5
3.0
V
PC voltage (disable)
VPC-DIS
1.95
V
PC source current (startup)
IPC-EN
50
100
300
uA
PC source current (operating)
IPC-OP
2
mA
PC internal resistance
RPC-SNK
Internal pull down resistor
50
150
400
k
Ω
PC capacitance (internal)
CPC_INT
Section 5.0
588
pF
PC capacitance (external)
CPC_EXT
External capacitance delays PC enable time
1000
pF
External PC resistance
RPC
Connected to –VIN
60
k
Ω
PC external toggle rate
FPC-TOG
1
Hz
PC to VOUT with PC released
Ton2
VIN = 48 V, Pre-applied; See Figure 16
60
100
µs
PC to VOUT, disable PC
TPC-DIS
VIN = 48 V, Pre-applied; See Figure 16
4
10
µs
1.0 ELECTRICAL CHARACTERISTICS
Specifications apply over all line and load conditions unless otherwise noted; Boldface specifications apply over the
temperature range of -40°C < TJ < 125°C (T-Grade); All other specifications are at TJ = 25º unless otherwise noted


Similar Part No. - BCM48BH120T120A00

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
BCM48BH120T120A00 VICOR-BCM48BH120T120A00 Datasheet
572Kb / 2P
   Bus Converter Family
More results

Similar Description - BCM48BH120T120A00

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
B048F096T24 VICOR-B048F096T24_11 Datasheet
1Mb / 12P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com