Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B048F096M24 Datasheet(PDF) 10 Page - Vicor Corporation

Part # B048F096M24
Description  Bus Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VICOR [Vicor Corporation]
Direct Link  http://www.vicorpower.com
Logo VICOR - Vicor Corporation

B048F096M24 Datasheet(HTML) 10 Page - Vicor Corporation

Back Button B048F096M24 Datasheet HTML 4Page - Vicor Corporation B048F096M24 Datasheet HTML 5Page - Vicor Corporation B048F096M24 Datasheet HTML 6Page - Vicor Corporation B048F096M24 Datasheet HTML 7Page - Vicor Corporation B048F096M24 Datasheet HTML 8Page - Vicor Corporation B048F096M24 Datasheet HTML 9Page - Vicor Corporation B048F096M24 Datasheet HTML 10Page - Vicor Corporation B048F096M24 Datasheet HTML 11Page - Vicor Corporation B048F096M24 Datasheet HTML 12Page - Vicor Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
vicorpower.com
800-735-6200
BCM™ Bus Converter
B048F096T24
Rev. 4.9
Page 10 of 12
Parallel Operation
The BCM™ bus converter will inherently current share when operated
in an array. Arrays may be used for higher power or redundancy in an
application.
Current sharing accuracy is maximized when the source and load
impedance presented to each bus converter within an array are equal.
The recommended method to achieve matched impedances is to
dedicate common copper planes within the PCB to deliver and return
the current to the array, rather than rely upon traces of varying lengths.
In typical applications the current being delivered to the load is larger
than that sourced from the input, allowing traces to be utilized on the
input side if necessary. The use of dedicated power planes is, however,
preferable.
The bus converter power train and control architecture allow bi-
directional power transfer, including reverse power processing from the
module output to its input. Reverse power transfer is enabled if the
module input is within its operating range and the module is otherwise
enabled. The bus converter’s ability to process power in reverse
improves the module’s transient response to an output load dump.
Thermal Considerations
VI Chip™ products are multi-chip modules whose temperature
distribution varies greatly for each part number as well as with the
input /output conditions, thermal management and environmental
conditions. Maintaining the top of the B048F096T24 case to less than
100°C will keep all junctions within the module below 125°C for most
applications. The percent of total heat dissipated through the top
surface versus through the J-lead is entirely dependent on the particular
mechanical and thermal environment. The heat dissipated through the
top surface is typically 60%. The heat dissipated through the J-lead
onto the PCB board surface is typically 40%. Use 100% top surface
dissipation when designing for a conservative cooling solution.
It is not recommended to use a module for an extended period of time
at full load without proper heat sinking.
Input Impedance Recommendations
To take full advantage of the BCM™ bus converter capabilities, the
impedance presented to its input terminals must be low from DC to
approximately 5 MHz. The source should exhibit low inductance and
should have a critically damped response. If the interconnect inductance
is excessive, the module input pins should be bypassed with an RC
damper (e.g., 47 µF in series with 0.3 ohm) to retain low source
impedance and proper operation. Given the wide bandwidth of the
module, the source response is generally the limiting factor in the
overall system response.
Anomalies in the response of the source will appear at the output of
the module multiplied by its K factor. The DC resistance of the source
should be kept as low as possible to minimize voltage deviations. This is
especially important if the module is operated near low or high line as
the overvoltage /undervoltage detection circuitry could be activated.
Input Fuse Recommendations
VI Chip modules are not internally fused in order to provide flexibility
in configuring power systems. However, input line fusing of the
modules must always be incorporated within the power system. A fast
acting fuse should be placed in series with the +In port.
Application Notes
For application notes on soldering, thermal management, board layout,
and system design click on the link below:
http://www.vicorpower.com/technical_library/application_information/chips/
Application Note


Similar Part No. - B048F096M24

ManufacturerPart #DatasheetDescription
logo
Vicor Corporation
B048F096M24 VICOR-B048F096M24 Datasheet
568Kb / 15P
   VI ChipTM - BCM Bus Converter Module
B048F096M24 VICOR-B048F096M24 Datasheet
1Mb / 12P
   BCM Bus Converter
B048F096M24 VICOR-B048F096M24 Datasheet
1Mb / 12P
   Bus Converter
More results

Similar Description - B048F096M24

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
EUS25-096 MURATA-PS-EUS25-096 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS30-080 MURATA-PS-EUS30-080 Datasheet
1Mb / 7P
   BUS CONVERTER
EUS20-120 MURATA-PS-EUS20-120 Datasheet
685Kb / 7P
   Bus Converter
logo
Vicor Corporation
BCM48BF120T300A00 VICOR-BCM48BF120T300A00 Datasheet
1Mb / 18P
   Bus Converter
B048F480T30 VICOR-B048F480T30_11 Datasheet
1Mb / 12P
   Bus Converter
VIB0010TFJ VICOR-VIB0010TFJ_10 Datasheet
1Mb / 17P
   Bus Converter
BCM384F480T325A00 VICOR-BCM384F480T325A00 Datasheet
1Mb / 18P
   Bus Converter
logo
Murata Power Solutions ...
EUS15-120 MURATA-PS-EUS15-120 Datasheet
491Kb / 8P
   BUS CONVERTER
logo
Vicor Corporation
BCM48BH120M120A00 VICOR-BCM48BH120M120A00 Datasheet
1Mb / 16P
   Bus Converter
B048F240T30 VICOR-B048F240T30_12 Datasheet
1Mb / 12P
   Bus Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com