Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54362A Datasheet(PDF) 10 Page - Texas Instruments

Part # TPS54362A
Description  3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362A Datasheet(HTML) 10 Page - Texas Instruments

Back Button TPS54362A Datasheet HTML 6Page - Texas Instruments TPS54362A Datasheet HTML 7Page - Texas Instruments TPS54362A Datasheet HTML 8Page - Texas Instruments TPS54362A Datasheet HTML 9Page - Texas Instruments TPS54362A Datasheet HTML 10Page - Texas Instruments TPS54362A Datasheet HTML 11Page - Texas Instruments TPS54362A Datasheet HTML 12Page - Texas Instruments TPS54362A Datasheet HTML 13Page - Texas Instruments TPS54362A Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 35 page
background image
0
1
2
3
4
5
6
7
8
9
10
-40
-20
0
20
40
60
80
100 120 140
T -Free-AirTemperature-°C
A
V =24V
I
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
-40
-20
0
20
40
60
80
100 120 140
T -Free-AirTemperature-°C
A
V =12V
I
994
996
998
1000
1002
1004
1006
-40
-20
0
20
40
60
80
100 120 140
T -Free-AirTemperature-°C
A
795.5
796
796.5
797
797.5
798
798.5
-40
-20
0
20
40
60
80
100 120 140
T -Free-AirTemperature-°C
A
V =12V
I
TPS54362-Q1, TPS54362A-Q1
SLVS845D
– MARCH 2009 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS (continued)
SHUT DOWN CURRENT
SHUT DOWN CURRENT
Figure 8.
Figure 9.
VOLTAGE DROP ON Rslew FOR CURRENT REFERENCE;
INTERNAL REFERENCE VOLTAGE
(SLEW RATE / Rslew)
Figure 10.
Figure 11.
10
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54362-Q1 TPS54362A-Q1


Similar Part No. - TPS54362A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362AQPWPRQ1 TI1-TPS54362AQPWPRQ1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
More results

Similar Description - TPS54362A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
   3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com