Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3DS10224RUKR Datasheet(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
Part # TS3DS10224RUKR
Description  High-Speed 2:4 Differential Multiplexer / Demultiplexer
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3DS10224RUKR Datasheet(HTML) 5 Page - Texas Instruments

  TS3DS10224RUKR Datasheet HTML 1Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 2Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 3Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 4Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 5Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 6Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 7Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 8Page - Texas Instruments TS3DS10224RUKR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
TS3DS10224
www.ti.com
SCDS318
– JUNE 2011
ELECTRICAL CHARACTERISTICS
(1)
For Single 1:4 or Dual 1:2 configurations. TA = –40°C to 85°C, Typical values are at VCC = 3.3V, TA = 25°C (unless otherwise
noted)
PARAMETER
TEST CONDITIONS
MIN TYP(2)
MAX
UNIT
VIK
Digital input clamp voltage
VCC = 3.6 V, II = –18 mA
–1.2
-0.9
V
IIN
Digital input leakage current
VCC = 3.6 V, VIN = 0 to 3.6 V
±2
μA
IOZ
(3)
VCC = 3.6 V, VO = 0 V to 3.6 V, VI = 0 V, Switch OFF
±2
μA
IOFF
Power off leakage current
VCC = 0 V, VIN = VCC or GND,VI/O = 0 V to 3.6 V
±5
μA
ICC
Supply current
VCC = 3.6 V, II/O = 0, Switch ON or OFF
50
100
μA
CIN
Digital input capacitance
VCC = 3.3 V, VIN = VCC or GND
3
5
pF
CI/O(OFF)
OFF capacitance
VCC = 3.3 V, VI/O = 3.3 V or 0, f = 10 MHz, Switch OFF
6
7
pF
CI/O(ON)
ON capacitance
VCC = 3.3 V, VI/O = 3.3 V or 0, f = 10 MHz, Switch ON
9
10
pF
VCC = 3.6 V, VI = VCC, IO = –30 mA
13
19
Ω
ron
ON state resistance
VCC = 3.3 V, VI = 0.5V, IO = –30 mA
10
Ω
ON state resistance match
Δron
VCC = 3 V, VI = 0 to VCC, IO = –30 mA
2
2.5
Ω
between channels
ron(flat)
ON state resistance flatness
VCC = 3 V, VI = 1.5 V and VCC, IO = –30 mA
4
6
Ω
(1)
VIN and IIN refer to control inputs. VI, VO, II, and IO refer to data pins.
(2)
All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
DYNAMIC CHARACTERISTICS
For Single 1:4 or Dual 1:2 configurations. TA = –40°C to 85°C, Typical values are at VCC = 3.3 V ± 10% and TA = 25°C
(unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP
UNIT
BW
Bandwidth
RL = 50 Ω, Switch ON
1.2
GHz
OISO
OFF Isolation
RL = 50 Ω , f = 250 MHz
–30
dB
XTALK
Crosstalk
RL = 50 Ω , f = 250 MHz
–30
dB
SWITCHING CHARACTERISTICS
For Single 1:4 or Dual 1:2 configurations. Over operating range, TA = –40°C to 85°C, VCC = 3.3 V ±10%, GND = 0 V (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX UNIT
tpd
(1)
RL = 50 Ω, CL = 2 pF
50
ps
tON
SAI/SAO/SBI/SBO to OUTAx/OUTBx
RL = 50 Ω, CL = 2 pF
40
100
ns
tOFF
SAI/SAO/SBI/SBO to OUTAx/OUTBx
RL = 50 Ω, CL = 2 pF
20
30
ns
tsk(o)
(2)
RL = 50 Ω, CL = 2 pF
40
ps
tsk(p)
(3)
RL = 50 Ω, CL = 2 pF
40
ps
(1)
The propagation delay is the calculated RC time constant of the typical ON-State resistance of the switch and the specified load
capacitance when driven by an ideal voltage source (zero output impedance).
(2)
Output skew between center channel and any other channel.
(3)
Skew between opposite transitions of the same output ( |tPHL – tPLH| ).
Copyright
© 2011, Texas Instruments Incorporated
5


Similar Part No. - TS3DS10224RUKR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3DS26227 TI-TS3DS26227 Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI-TS3DS26227 Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227 TI1-TS3DS26227 Datasheet
458Kb / 20P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZPR TI-TS3DS26227YZPR Datasheet
523Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
TS3DS26227YZTR TI-TS3DS26227YZTR Datasheet
509Kb / 19P
[Old version datasheet]   HIGH-BANDWIDTH DUAL-SPDT DIFFERENTIAL SIGNAL SWITCH WITH INPUT LOGIC TRANSLATION
More results

Similar Description - TS3DS10224RUKR

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
CBTU04083 NXP-CBTU04083 Datasheet
323Kb / 14P
   1.8 V, wide bandwidth, 4 differential channel, 2 : 1 multiplexer/demultiplexer switch
Rev. 1-16 July 2010
logo
Toshiba Semiconductor
TC74LVX4051F TOSHIBA-TC74LVX4051F_08 Datasheet
269Kb / 13P
   8-Channel Analog Multiplexer/Demultiplexer , Dual 4-Channel Analog Multiplexer/Demultiplexer , Triple 2-Channel Analog Multiplexer/Demultiplexer
TC7MBL3257CFT TOSHIBA-TC7MBL3257CFT Datasheet
241Kb / 12P
   4-Bit 1-of-2 Multiplexer/Demultiplexer
TC7W53F TOSHIBA-TC7W53F Datasheet
318Kb / 10P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
TC7PA53FU TOSHIBA-TC7PA53FU_07 Datasheet
163Kb / 8P
   2-Channel Multiplexer/Demultiplexer
logo
Fairchild Semiconductor
CD4053BCMX FAIRCHILD-CD4053BCMX Datasheet
145Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer ??Triple 2-Channel Analog Multiplexer/Demultiplexer
CD4051BC FAIRCHILD-CD4051BC_02 Datasheet
144Kb / 13P
   Single 8-Channel Analog Multiplexer/Demultiplexer Dual 4-Channel Analog Multiplexer/Demultiplexer Triple 2-Channel Analog Multiplexer/Demultiplexer
logo
Toshiba Semiconductor
TC7W53F TOSHIBA-TC7W53F_06 Datasheet
492Kb / 11P
   2-CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
STMicroelectronics
HCF4097B STMICROELECTRONICS-HCF4097B Datasheet
394Kb / 10P
   ANALOG DIFFERENTIAL 8 CHANNEL MULTIPLEXER/DEMULTIPLEXER
logo
Texas Instruments
CD74HCT4051-Q1 TI-CD74HCT4051-Q1 Datasheet
236Kb / 11P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC ANALOG MULTIPLEXER/DEMULTIPLEXER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com