Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS54362 Datasheet(PDF) 8 Page - Texas Instruments

Part # TPS54362
Description  3A, 60V STEP DOWN DC/DC CONVERTER WITH LOW Iq
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS54362 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS54362 Datasheet HTML 4Page - Texas Instruments TPS54362 Datasheet HTML 5Page - Texas Instruments TPS54362 Datasheet HTML 6Page - Texas Instruments TPS54362 Datasheet HTML 7Page - Texas Instruments TPS54362 Datasheet HTML 8Page - Texas Instruments TPS54362 Datasheet HTML 9Page - Texas Instruments TPS54362 Datasheet HTML 10Page - Texas Instruments TPS54362 Datasheet HTML 11Page - Texas Instruments TPS54362 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
I -LoadCurrent- A
L
60%
65%
70%
75%
80%
85%
90%
0
0.5
1
1.5
2
2.5
3
V
=12V,
VReg=5V,
Fsw=500kHz,
L =22 H
C
=100 F,
IN
O
m
m
T =25 C
A
o
Rslew=5kW
Rslew=35kW
I -LoadCurrent- A
L
60%
65%
70%
75%
80%
85%
95%
0
0.5
1
1.5
2
2.5
3
VReg=5V,
Fsw=500kHz,
L =22 H
C
=100 F
Rslew=5k
m
m
W,
O
T =25 C
A
o
V
=6V
IN
V
=20V
IN
90%
3
3.5
4
4.5
5
5.5
2
3
4
5
6
V
-OutputVoltage-V
O
2.5
7
NoLoad
10mA
50mA
100mA
InputVoltageRampDownTracking
(Loadat5VOutputandf
=500kHz)
sw
V
-OutputVoltage-V
O
2
2.5
3
3.5
4
4.5
5
5.5
6
6.5
7
0
1
2
3
4
5
3 A
200mA
1.4 A
536mA
InputVoltageRampDownTracking
(Loadat5VOutputandf
=500kHz)
sw
TPS54362-Q1, TPS54362A-Q1
SLVS845D
– MARCH 2009 – REVISED OCTOBER 2011
www.ti.com
TYPICAL CHARACTERISTICS
Efficiency Data of Power Supply
FET SWITCHING (SLOW SLEW RATE)
FAST SLEW RATE ON SWITCHING FET
Figure 1.
Figure 2.
Output Voltage Drop Out
LOAD CURRENT
> 100 mA
LOAD CURRENT
< 100 mA
Figure 3.
Figure 4.
8
Submit Documentation Feedback
Copyright
© 2009–2011, Texas Instruments Incorporated
Product Folder Link(s) :TPS54362-Q1 TPS54362A-Q1


Similar Part No. - TPS54362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54362-HT TI1-TPS54362-HT Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-HT TI-TPS54362-HT_15 Datasheet
528Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW Iq
TPS54362-HT TI1-TPS54362-HT_16 Datasheet
614Kb / 34P
[Old version datasheet]   1-A, 48-V STEP DOWN DC/DC CONVERTER WITH LOW
TPS54362-Q1 TI1-TPS54362-Q1 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low
TPS54362-Q1 TI-TPS54362-Q1_15 Datasheet
1Mb / 40P
[Old version datasheet]   TPS54362-Q1 3-A, 60-V Step-Down DC-DC Converter With Low I(q)
More results

Similar Description - TPS54362

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS54061 TI1-TPS54061 Datasheet
1Mb / 36P
[Old version datasheet]   Wide Input 60V, 200mA Synchronous Step-Down DC-DC Converter with Low IQ
logo
Diodes Incorporated
PAM2320 DIODES-PAM2320 Datasheet
369Kb / 12P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Power Analog Micoelectr...
PAM2307 PAM-PAM2307 Datasheet
454Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2303 PAM-PAM2303 Datasheet
336Kb / 13P
   3A Low Noise Step-Down DC-DC Converter
PAM2320 PAM-PAM2320 Datasheet
249Kb / 11P
   3A Low Noise Step-Down DC-DC Converter
logo
Diodes Incorporated
PAM2307 DIODES-PAM2307 Datasheet
618Kb / 14P
   3A LOW NOISE STEP-DOWN DC-DC CONVERTER
logo
Advanced Analogic Techn...
AAT1160 ANALOGICTECH-AAT1160 Datasheet
662Kb / 17P
   12V, 3A Step-Down DC/DC Converter
AAT1154 ANALOGICTECH-AAT1154_07 Datasheet
449Kb / 16P
   1MHz 3A Step-Down DC/DC Converter
logo
Holtek Semiconductor In...
HT7466 HOLTEK-HT7466 Datasheet
1Mb / 9P
   3A Step-Down DC to DC Converter
logo
Active-Semi, Inc
ACT2113 ACTIVE-SEMI-ACT2113_14 Datasheet
690Kb / 17P
   18V/3A Step-Down DC/DC Converter
Rev 3, 23-May-12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com