Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS79801-Q1 Datasheet(PDF) 11 Page - Texas Instruments

Part # TPS79801-Q1
Description  50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS79801-Q1 Datasheet(HTML) 11 Page - Texas Instruments

Back Button TPS79801-Q1 Datasheet HTML 7Page - Texas Instruments TPS79801-Q1 Datasheet HTML 8Page - Texas Instruments TPS79801-Q1 Datasheet HTML 9Page - Texas Instruments TPS79801-Q1 Datasheet HTML 10Page - Texas Instruments TPS79801-Q1 Datasheet HTML 11Page - Texas Instruments TPS79801-Q1 Datasheet HTML 12Page - Texas Instruments TPS79801-Q1 Datasheet HTML 13Page - Texas Instruments TPS79801-Q1 Datasheet HTML 14Page - Texas Instruments TPS79801-Q1 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 21 page
background image
RETURN
OFF
-48V
FB
OUT
IN
EN
TPS79801
GND
1 F
m
1 F
m
R
SET
ON
IN
OUT
FB
GND
EN
TPS79801
Load
V
IN
R
P
IN
OUT
FB
GND
TPS79801
R
1
V
IN
V
OUT
R
2
C
1
V
= 1.275 V (1 + R / R ) + I R
V
= 1.275 V
I
= 0.2 µA at 25°C
Output Range = 1.275 V to 28 V
OUT
2
1
FB
2
FB
FB
EN
TPS79801-Q1, TPS79850-Q1
www.ti.com
SLVS822D
– MARCH 2009 – REVISED AUGUST 2011
APPLICATION INFORMATION
The TPS798xx is a 50-mA high-voltage LDO regulator with micropower quiescent current and shutdown. The
device is capable of supplying 50 mA at a dropout voltage of 300 mV (typ). The low operating quiescent current
(40
μA) drops to 1 μA in shutdown. In addition to the low quiescent current, the TPS798xx incorporates several
protection features that make it ideal for battery-powered applications.
The device is protected against both reverse-input and reverse-output voltages. In battery-backup applications,
where the output can be held up by a backup battery when the input is pulled to ground, the TPS798xx acts as if
it has a diode in series with its output and prevents reverse current flow. Figure 16 and Figure 17 illustrate two
typical applications.
Note:
ILED = 1.275 V/RSET
–48 V can vary from –4 V to –50 V
Figure 16. Constant Brightness for Indicator LED Over Wide Input Voltage Range
Figure 17. Kelvin Sense Connection
Adjustable Operation
The TPS798xx has an output voltage range of 1.275 V to 28 V. The output voltage is set by the ratio of two
external resistors as shown in Figure 18. The feedback loop monitors the output to maintain the voltage at the
adjust pin at 1.275 V referenced to ground. The current in R1 is then equal to 1.275 V/R1, and the current in R2 is
the current in R1 plus the FB pin bias current. The FB pin bias current, 0.2 μA at 25°C, flows through R2 into the
FB pin. The output voltage can be calculated using the formula in Figure 18. The value of R1 should be less than
250 k
Ω to minimize errors in the output voltage caused by the FB pin bias current. Note that in shutdown, the
output is turned off and the divider current is zero.
Figure 18. Adjustable Operation
Copyright
© 2009–2011, Texas Instruments Incorporated
11


Similar Part No. - TPS79801-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
More results

Similar Description - TPS79801-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS79801-Q1 TI1-TPS79801-Q1_17 Datasheet
1Mb / 25P
[Old version datasheet]   50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79801-Q1 TI-TPS79801-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
TPS79850-Q1 TI-TPS79850-Q1_15 Datasheet
1Mb / 25P
[Old version datasheet]   TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
logo
Analog Devices
ADP3300 AD-ADP3300_15 Datasheet
288Kb / 9P
   50 mA Low Dropout Linear Regulator
REV. C
logo
National Semiconductor ...
LP2980 NSC-LP2980 Datasheet
423Kb / 18P
   Micropower 50 mA Ultra Low-Dropout Regulator
LP2982 NSC-LP2982 Datasheet
411Kb / 17P
   Micropower 50 mA Ultra Low-Dropout Regulator
logo
ON Semiconductor
CS8321 ONSEMI-CS8321 Datasheet
145Kb / 6P
   Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7
CS8221 ONSEMI-CS8221 Datasheet
75Kb / 7P
   Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8
logo
Texas Instruments
TPS71501-EP TI1-TPS71501-EP Datasheet
467Kb / 14P
[Old version datasheet]   50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
logo
Analog Devices
ADP3308 AD-ADP3308 Datasheet
115Kb / 8P
   anyCAP??50 mA Low Dropout Linear Regulator
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com