Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX232CPE Datasheet(PDF) 5 Page - Tiger Electronic Co.,Ltd

Part # MAX232CPE
Description  5V-Powered, Multichannel RS-232
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX232CPE Datasheet(HTML) 5 Page - Tiger Electronic Co.,Ltd

  MAX232CPE Datasheet HTML 1Page - Tiger Electronic Co.,Ltd MAX232CPE Datasheet HTML 2Page - Tiger Electronic Co.,Ltd MAX232CPE Datasheet HTML 3Page - Tiger Electronic Co.,Ltd MAX232CPE Datasheet HTML 4Page - Tiger Electronic Co.,Ltd MAX232CPE Datasheet HTML 5Page - Tiger Electronic Co.,Ltd MAX232CPE Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX232CPE Datasheet HTML 7Page - Tiger Electronic Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
MAX232
Dynamic parameters
Rate
25 °°°°C
from -40 °°°°C
to 85 °°°°C
Symbol
Parameter
Test conditions
min
max
min
max
Unit
tPHLR
(tPLHR)
Signal propagation delay time
when switching on (off)
VСС = 4.5 V
С
L = 150 pF
VIL = 0 V
VIH = 3.0 V
tLH = tHL ≤ 10 ns
-
9.7
-
10
us
tPHLT
(tPLHT)
Signal propagation delay time
when switching on (off)
VСС = 4.5 V
С
L = 2500 pF
VIL = 0 V
VIH = 3.0 V
RL = 3 kOhm
tLH = tHL ≤ 10 ns
5.0
6.0
Capacitance
Symbol
Parameter
VCC,
Rate
Unit
CIN
Input capacitance
5.0
9.0
pF
CPD
Dynamic capacitance
90
Timing diagram when measuring IC dynamic parameters
+3 V
t
PLHR
t
PHLR
Rin
1.5 V
0 V
V
OL
V
OH
Rout
0.5Vcc
0.5Vcc
1.5 V
Figure 3


Similar Part No. - MAX232CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX232CPE MAXIM-MAX232CPE Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX232CPE MAXIM-MAX232CPE Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CPE++ MAXIM-MAX232CPE+ Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
More results

Similar Description - MAX232CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX220 MAXIM-MAX220_15 Datasheet
408Kb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 17; 1/15
MAX220 MAXIM-MAX220_10 Datasheet
377Kb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX233AEWP-TG36 MAXIM-MAX233AEWP-TG36 Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232CSE-T MAXIM-MAX232CSE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX220 MAXIM-MAX220 Datasheet
395Kb / 36P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 15; 1/06
MAX220 MAXIM-MAX220_V01 Datasheet
2Mb / 39P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
19-4323; Rev 18; 5/19
MAX232AESE-T MAXIM-MAX232AESE-T Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX232-ACWE MAXIM-MAX232-ACWE Datasheet
1Mb / 38P
   5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
MAX249CQHTD MAXIM-MAX249CQHTD Datasheet
676Kb / 38P
   MAX220?밠AX249 5V-Powered, Multichannel RS-232 Drivers/Receivers
Rev 16; 7/10
logo
NTE Electronics
NTE7142 NTE-NTE7142 Datasheet
27Kb / 3P
   Integrated Circuit 5V-Powered, Multichannel RS-232 Driver/Receiver
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com