Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MSC1211Y2 Datasheet(PDF) 3 Page - Texas Instruments

Part # MSC1211Y2
Description  Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs)
Download  111 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

MSC1211Y2 Datasheet(HTML) 3 Page - Texas Instruments

  MSC1211Y2 Datasheet HTML 1Page - Texas Instruments MSC1211Y2 Datasheet HTML 2Page - Texas Instruments MSC1211Y2 Datasheet HTML 3Page - Texas Instruments MSC1211Y2 Datasheet HTML 4Page - Texas Instruments MSC1211Y2 Datasheet HTML 5Page - Texas Instruments MSC1211Y2 Datasheet HTML 6Page - Texas Instruments MSC1211Y2 Datasheet HTML 7Page - Texas Instruments MSC1211Y2 Datasheet HTML 8Page - Texas Instruments MSC1211Y2 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 111 page
background image
MSC1211, MSC1212
MSC1213,MSC1214
SBAS323G − JUNE 2004 − REVISED OCTOBER 2007
www.ti.com
3
MSC121xYX FAMILY FEATURES
FEATURES(1)
MSC121xY2(2)
MSC121xY3(2)
MSC121xY4(2)
MSC121xY5(2)
Flash Program Memory (Bytes)
Up to 4k
Up to 8k
Up to 16k
Up to 32k
Flash Data Memory (Bytes)
Up to 4k
Up to 8k
Up to 16k
Up to 32k
Internal Scratchpad SRAM (Bytes)
256
256
256
256
Internal MOVX RAM (Bytes)
1024
1024
1024
1024
Externally Accessible Memory (Bytes)
64k Program, 64k Data
64k Program, 64k Data
64k Program, 64k Data
64k Program, 64k Data
(1) All peripheral features are the same on all devices; the flash memory size is the only difference.
(2) The last digit of the part number (N) represents the onboard flash size = (2N)kBytes.
ELECTRICAL CHARACTERISTICS: AVDD = 5V
All specifications from TMIN to TMAX, DVDD = +2.7V to 5.25V, AVDD = +5V, fMOD = 15.625kHz, PGA = 1, filter = Sinc3, Buffer ON, fDATA = 10Hz, Bipolar, fCLK = 8MHz,
and VREF ≡ (REF IN+) − (REF IN−) = +2.5V, unless otherwise noted. For VDAC, VREF = AVDD, RLOAD = 10kΩ, and CLOAD = 200pF, unless otherwise noted.
MSC1211/12/13/14
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Analog Inputs (AIN0−AIN7, AINCOM)
Analog Input Range
Buffer OFF
AGND − 0.1
AVDD + 0.1
V
Analog Input Range
Buffer ON
AGND + 50mV
AVDD − 1.5
V
Full-Scale Input Voltage Range
(AIN+) − (AIN−)
±VREF/PGA
V
Differential Input Impedance
Buffer OFF
7/PGA(1)
M
Input Current
Buffer ON
0.5
nA
Fast Settling Filter
−3dB
0.469
• fDATA
Bandwidth
Sinc2 Filter
−3dB
0.318
• fDATA
Bandwidth
Sinc3 Filter
−3dB
0.262
• fDATA
Programmable Gain Amplifier
User-Selectable Gain Range
1
128
Input Capacitance
Buffer ON
9
pF
Input Leakage Current
Multiplexer Channel OFF, T = +25
°C
0.5
pA
Burnout Current Sources
Buffer ON
±2
µA
ADC Offset DAC
Offset DAC Range
Bipolar Mode
±VREF/(2 • PGA)
V
Offset DAC Monotonicity
8
Bits
Offset DAC Gain Error
±1.5
% of Range
Offset DAC Gain Error Drift
1
ppm/
°C
System Performance
Resolution
24
Bits
ENOB
See Typical Characteristics
22
Bits
Output Noise
See Typical Characteristics
No Missing Codes
Sinc3 Filter, Decimation > 360
24
Bits
Integral Nonlinearity
End Point Fit, Bipolar Mode
0.0003
±0.0015
%FSR
Offset Error
After Calibration
±3.5
ppm of FS
Offset Drift(2)
Before Calibration
0.1
ppm of FS/
°C
Gain Error(3)
After Calibration
−0.002
%
Gain Error Drift(2)
Before Calibration
0.5
ppm/
°C
System Gain Calibration Range
80
120
% of FS
System Offset Calibration Range
−50
50
% of FS
At DC
115
dB
Common-Mode Rejection
fCM = 60Hz, fDATA = 10Hz
130
dB
Common-Mode Rejection
fCM = 50HZ, fDATA = 50Hz
120
dB
fCM = 60Hz, fDATA = 60Hz
120
dB
Normal-Mode Rejection
fSIG = 50Hz, fDATA = 50Hz
100
dB
Normal-Mode Rejection
fSIG = 60Hz, fDATA = 60Hz
100
dB
Power-Supply Rejection
At DC, dB = −20log(
∆VOUT/∆VDD)(4)
92
dB
(1) The input impedance for PGA = 128 is the same as that for PGA = 64 (that is, 7MΩ/64).
(2) Calibration can minimize these errors.
(3) The self gain calibration cannot have a REF IN+ of more than AVDD −1.5V with Buffer ON. To calibrate gain, turn Buffer OFF.
(4) ∆VOUT is change in digital result.
(5) 9pF switched capacitor at fSAMP clock frequency (see Figure 14).
(6) Linearity calculated using a reduced code range of 512 to 65024; output unloaded.
(7) Ensured by design and characterization; not production tested.
(8) Analog Brownout Detect OFF (HCR1.3 = 1), Analog LVD OFF (LVDCON.7 = 1).


Similar Part No. - MSC1211Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211Y2 TI-MSC1211Y2 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGR TI-MSC1211Y2PAGR Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGT TI-MSC1211Y2PAGT Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
MSC1211Y2PAGT TI1-MSC1211Y2PAGT Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
More results

Similar Description - MSC1211Y2

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MSC1211 TI-MSC1211 Datasheet
920Kb / 105P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converters (DACs) with 8051 Microcontroller and Flash Memory
logo
Burr-Brown (TI)
MSC1212Y2 BURR-BROWN-MSC1212Y2 Datasheet
1Mb / 69P
   Precision Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1211 TI1-MSC1211_16 Datasheet
1Mb / 109P
[Old version datasheet]   Percision Analog-to-Digital Converter and Digital-to-Analog Converters
MSC1202Y3RHHTG4 TI1-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter and Current-Output Digital-to-Analog Converter
logo
Analog Devices
AD9652 AD-AD9652_17 Datasheet
1Mb / 37P
   Analog-to-Digital Converter (ADC)
AD9258 AD-AD9258 Datasheet
2Mb / 45P
   Analog-to-Digital Converter (ADC)
logo
Texas Instruments
MSC1200 TI1-MSC1200_06 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Current-Output Digital Converter (DAC)
MAY 2006
logo
Burr-Brown (TI)
MSC1202 BURR-BROWN-MSC1202 Datasheet
684Kb / 78P
   Precision, Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
logo
Texas Instruments
MSC1200 TI-MSC1200 Datasheet
802Kb / 60P
[Old version datasheet]   Precision Analog-to-Digital Converter (ADC) and Digital-to-Analog Converter (DAC) with 8051 Microcontroller and Flash Memory
MSC1202Y3RHHTG4 TI-MSC1202Y3RHHTG4 Datasheet
1Mb / 92P
[Old version datasheet]   Precision Analog -to-Digital Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com