Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q67000-S283 Datasheet(PDF) 7 Page - Siemens Semiconductor Group

Part # Q67000-S283
Description  SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

Q67000-S283 Datasheet(HTML) 7 Page - Siemens Semiconductor Group

  Q67000-S283 Datasheet HTML 1Page - Siemens Semiconductor Group Q67000-S283 Datasheet HTML 2Page - Siemens Semiconductor Group Q67000-S283 Datasheet HTML 3Page - Siemens Semiconductor Group Q67000-S283 Datasheet HTML 4Page - Siemens Semiconductor Group Q67000-S283 Datasheet HTML 5Page - Siemens Semiconductor Group Q67000-S283 Datasheet HTML 6Page - Siemens Semiconductor Group Q67000-S283 Datasheet HTML 7Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Semiconductor Group
7
BSP 135
Drain-source breakdown voltage
V
(BR) DSS = b × V(BR)DSS (25 ˚C)
Safe operating area
I
D = f (VDS)
parameter:
D = 0, T
C = 25 ˚C


Similar Part No. - Q67000-S283

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
Q67000-S28 SIEMENS-Q67000-S28 Datasheet
285Kb / 8P
   SWITCHING AMPLIFIERS FOR 4 TOUCH KEYS
Q67000-S280 SIEMENS-Q67000-S280 Datasheet
35Kb / 3P
   FRED Diode (VRRM 1000 V IFRMS 5.5 A 55 ns Soft recovery characteristics)
Q67000-S284 SIEMENS-Q67000-S284 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
More results

Similar Description - Q67000-S283

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS229 SIEMENS-BSS229 Datasheet
303Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS159 SIEMENS-BSS159 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP129 SIEMENS-BSP129 Datasheet
321Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP149 SIEMENS-BSP149 Datasheet
328Kb / 7P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS129 SIEMENS-BSS129 Datasheet
282Kb / 6P
   SIPMOS Small-Signal Transistor(N channel Depletion mode High dynamic resistance)
BSS135 SIEMENS-BSS135 Datasheet
318Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS139 SIEMENS-BSS139 Datasheet
330Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS149 SIEMENS-BSS149 Datasheet
279Kb / 6P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSS169 SIEMENS-BSS169 Datasheet
33Kb / 4P
   SIPMOS Small-Signal Transistor (N channel Depletion mode High dynamic resistance)
BSP125 SIEMENS-BSP125 Datasheet
175Kb / 9P
   SIPMOS Small-Signal Transistor (N channel Enhancement mode)
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com