Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC92305CD Datasheet(PDF) 3 Page - Motorola, Inc

Part # MC92305CD
Description  16/32/64/128/256 QAM RECEIVER AND REED-SOLOMON DECODER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC92305CD Datasheet(HTML) 3 Page - Motorola, Inc

  MC92305CD Datasheet HTML 1Page - Motorola, Inc MC92305CD Datasheet HTML 2Page - Motorola, Inc MC92305CD Datasheet HTML 3Page - Motorola, Inc MC92305CD Datasheet HTML 4Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
MC92307
MOTOROLA
Rev.1.1
3
PRBS Descrambling
The error corrected data from the Reed Solomon
decoder is de-randomized using a PRBS generator
with polynomial 1 + X14 + X15. The PRBS generator is
initialized every 8 MPEG transport packets with the val-
ue 100101010000000 as per the DVB specification.
I2C Interface
In accordance with the I2C specification, the I2C
master (host microprocessor) initiates all data transfers
to and from the demodulator and provides the I2C
clock. Data is always transferred one byte at a time,
MSB first, and the receiver must acknowledge each
byte by pulling the data line low during the cycle follow-
ing the LSB (acknowledge cycle). The demodulator in-
terprets the byte following its slave address as an 8-bit
sub-address which selects a particular register to be
written to or read from. The I2C data pin is bidirectional
and is driven by an open-drain output in the MC92305.
External pull-up resistors are required to implement the
wired-AND function on each of these signals, per the
I2C bus specification.
Σ∆ Interfaces
The single-bit outputs which interface to analog
circuits are VCOOUT, AGCOUT and CTLOUT. These
are the loop filter outputs for the MSS symbol sync,
AGC and Carrier Tracking Loop, respectively. The dig-
ital sigma-delta converters which drive these outputs
have programmable output sampling rates up to a max-
imum of 4.0Rs. The bandwidths of each of these loops
and the output sampling rates of the loops (input sam-
pling rates of the sigma-delta converters) are program-
mable. The sigma-delta output sampling rates should
be commensurate with the loop bandwidths and loop
output sampling rates selected.
Pin-Programmable Interfaces
A variety of functions are selectable by hard-wiring
MC92305 pins to VDD or VSS, rather than via the I2C
interface. These fall in the category of functions which
will seldom be changed once a particular application
circuit is debugged and functioning correctly. The pin
programmable features are:
IQSWAP - Swap internal I and Q data paths
IN_FMT - Specify A/D output data format (two’s
complement or offset binary)
SYM_FE - specify which edge of the output symbol
clock is to be aligned with the symbols.
TSTMODE - Used during production testing of the
device but can also be used to disable and bypass
certain of the functions in the MC92305.
Software-Configurable Items
The command interfaces can address a variety of
internal registers to configure most critical demodulator
and decoder parameters. These include: all loop band-
widths, equalizer tap values and equalizer control (load
taps and adapt, load taps and freeze, adapt without
loading and freeze without loading), the filter coeffi-
cients of the receive lowpass filter, the lock detector
thresholds for MSS lock and Carrier lock, the center tap
fixed gain adjustment, the NCO frequency preset, soft-
ware reset (which performs the same function as the
hardware power-on reset), upper and lower limits on
the NCO frequency and, input and output sampling
rates of each digital sigma-delta converter.
Software-Readable Items
All of the software-configurable registers are also
readable. This is intended to allow the host to interro-
gate the demodulator prior to changing parameters.
There are also a number of demodulator registers
which are read-only and are intended to provide useful
demodulator status information to the host for monitor-
ing and debugging purposes. These include: NCO fre-
quency (which provides an indirect measurement of the
frequency error in the channel tuner and modem local
oscillators), AGC control value (an indicator of received
signal power), constellation variance (an indicator of re-
ceived energy per symbol to noise power spectral den-
sity) Es/No, (used in generating the carrier lock detect
signal) and, MSS control value (which provides an indi-
rect measurement of baud rate error and is used in gen-
erating the MSS lock detect signal).


Similar Part No. - MC92305CD

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC92300 MOTOROLA-MC92300 Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92300CG MOTOROLA-MC92300CG Datasheet
42Kb / 4P
   VITERBI Decoder for Digital TV
MC92303 MOTOROLA-MC92303 Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92303BT MOTOROLA-MC92303BT Datasheet
33Kb / 3P
   QPSK/BPSK DIGITAL DEMODULATOR
MC92307 MOTOROLA-MC92307 Datasheet
121Kb / 10P
   2K - Samples FFT-Processor
More results

Similar Description - MC92305CD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA7207H PHILIPS-SAA7207H Datasheet
98Kb / 20P
   Reed Solomon decoder IC
1996 Jul 17
logo
List of Unclassifed Man...
AHA4210 ETC1-AHA4210 Datasheet
470Kb / 36P
   Viterbi with Reed-Solomon Decoder
COIC5130A ETC1-COIC5130A Datasheet
291Kb / 20P
   Programmable Reed-Solomon Error Correction Encoder and Decoder
logo
NXP Semiconductors
LPC2132FHN64 PHILIPS-LPC2132FHN64 Datasheet
340Kb / 45P
   Single-chip 16/32-bit microcontrollers; 32/64/128/256/512 kB
Rev. 5-2 February 2011
logo
Cypress Semiconductor
S26KL512S CYPRESS-S26KL512S Datasheet
8Mb / 98P
   512 Mbit (64 Mbyte), 256 Mbit (32 Mbyte), 128 Mbit (16 Mbyte) 1.8V/3.0V
logo
Zarlink Semiconductor I...
ZL50117 ZARLINK-ZL50117_06 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
ZL50119 ZARLINK-ZL50119 Datasheet
1Mb / 95P
   32, 64 and 128 Channel CESoP Processors
logo
List of Unclassifed Man...
AHAG709D-40FEC ETC1-AHAG709D-40FEC Datasheet
58Kb / 2P
   40 GB/S ITU G.709 REED-SOLOMON DECODER
logo
Actel Corporation
MC-ACT-RSENC-NET ACTEL-MC-ACT-RSENC-NET Datasheet
121Kb / 5P
   Reed-Solomon Encoder
logo
List of Unclassifed Man...
AHAG709D-10FEC ETC1-AHAG709D-10FEC Datasheet
59Kb / 2P
   10 GB/S ITU G.709 REED-SOLOMON DECODER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com