Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C8051F964-A-GM Datasheet(PDF) 1 Page - Silicon Laboratories

Part # C8051F964-A-GM
Description  Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

C8051F964-A-GM Datasheet(HTML) 1 Page - Silicon Laboratories

  C8051F964-A-GM Datasheet HTML 1Page - Silicon Laboratories C8051F964-A-GM Datasheet HTML 2Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low-Voltage/Low-Power
Copyright © 2011 by Silicon Laboratories
11.03.11
Port 0
Drivers
Digital Peripherals
UART
Timers
0, 1, 2, 3
PCA/WDT
SMBus
Priority
Crossbar
Decoder
P0.0/VREF
P0.1/AGND
P0.2/XTAL1
P0.3/XTAL2
P0.4/TX
P0.5/RX
P0.6/CNVSTR
P0.7
Crossbar Control
Port I/O Configuration
CIP-51 8051
Controller Core
128k Byte ISP Flash
Program Memory
256 Byte SRAM
SFR
Bus
8092 Byte XRAM
Port 1
Drivers
P1.0/PC0
P1.1/PC1
P1.2/XTAL3
P1.3/XTAL4
P1.4
P1.5/INT5
Port 2
Drivers
P2.0/SCK1
P2.1/MISO1
P2.2/MOSI1
P2.3/NSS1
P2.4
SPI 0
Analog Peripherals
Comparators
+
-
VBAT
VBAT
VDC
XTAL1
SYSCLK
System Clock
Configuration
External
Oscillator
Circuit
Precision
24.5 MHz
Oscillator
Debug /
Programming
Hardware
Power On
Reset/PMU
Reset
C2D
C2CK/RST
Wake
12-bit
75ksps
ADC
A
M
U
X
Temp
Sensor
External
VREF
Internal
VREF
VDD
XTAL2
Low Power
20 MHz
Oscillator
VREF
GND
P1.6/INT6
P1.7
CP0, CP0A
P2.5
P2.6
P2.7
+
-
CP1, CP1A
Enhanced
smaRTClock
Oscillator
XTAL3
XTAL4
DC/DC Buck
Converter
IND
GNDDC
VREG
Digital
Power
CRC
Engine
P3-6
Drivers
P7
Driver
LCD Charge
Pump
AES
Engine
DMA
CAP
P3.0...P6.7
P7.0/C2D
16
32
Pulse Counter
LCD (up to 4x32)
Encoder
EMIF
GND
VDD
Analog
Power
SPI 1
(DMA Enabled)
VBATDC
C8051F96x
Ultra-Low-Power, High-Efficiency, Battery-Powered Metering MCU
Ultra-Low Power @ 3.6 V
- 110 µA/MHz, Low-Power Active, DC-DC enabled
- 110 nA sleep current with data retention; POR monitor enabled
- 400 nA sleep current with smaRTClock (internal LFO)
- 700 nA sleep current with smaRTClock (external XTAL)
- 2 µs wake-up from any sleep mode
12-Bit; 16 ch. Analog to Digital Converter
- Up to 75 ksps, 12-bit mode or 300 ksps 10-bit mode
- External pin or internal VREF (no external capacitor required)
- On-chip PGA allows measuring voltages up to twice the 
reference voltage
- Autonomous burst mode with 16-bit automatic averaging 
accumulator
- Integrated temperature sensor
Two Low Current Comparators
- Programmable hysteresis and response time
- Configurable as interrupt or reset source
Internal 6-Bit Current Reference
- Up to ±500 µA; source and sink capability
- Enhanced resolution via PWM interpolation
Integrated LCD Controller
- Supports up to 128 segments (32x4)
- Integrated charge pump for contrast control
Metering-Specific Peripherals
- DC-DC buck converter allows dynamic voltage scaling for 
maximum efficiency (250 mW output)
- Sleep-mode pulse accumulator with programmable switch 
de-bounce and pull-up control interfaces directly to metering
sensor
- Data Packet Processing Engine (DPPE) includes hardware
AES, DMA, CRC, and encoding blocks for acceleration of wire-
less protocols
- Manchester and Three-out-of-Six encoder hardware for power-
efficient implementation of the wireless M-bus specification
High-Speed Enhanced 8051 µC Core
- Pipe-lined instruction architecture executes 70% of instructions
in 1 or 2 system clocks
Memory
- Up to 128 kB Flash; In-system programmable; Full read/write/
erase functionality over the entire supply range
- Up to 8 kB data retention RAM
Digital Peripherals
- Up to 57 port I/O; All 5 V tolerant with programmable drive
strength
- Hardware enhanced UART, 2 SPI and I2C serial ports available
concurrently
- Four general-purpose 16-bit counter/timers
- 16-bit programmable counter array (PCA) with six capture/com-
pare/PWM modules and watchdog timer
Clock Sources
- Precision internal oscillators: 24.5 MHz with ±2% accuracy sup-
ports UART operation; spread-spectrum mode for reduced EMI
- Low power internal oscillator: 20 MHz
- External oscillator: Crystal, RC, C, CMOS clock
- SmaRTClock oscillator: 32.768 kHz crystal or 16.4 kHz internal
LFO with three independent alarms
On-Chip Debug
- On-chip debug circuitry facilitates full speed, non-intrusive in-
system debug (no emulator required)
- Provides four breakpoints, single stepping
Package Options
- 76-pin DQFN (6x6 mm), RoHS compliant
- 40-pin QFN (6x6 mm), RoHS compliant
-
80-pin QFP (12x12 mm), RoHS compliant
Development Kit: C8051F960DK
Supply Voltage: 1.8 to 3.8 V
Temperature Range: –40 to +85 °C


Similar Part No. - C8051F964-A-GM

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
C8051F964-B-GM SILABS-C8051F964-B-GM Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C8051F964-B-GM SILABS-C8051F964-B-GM Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
C8051F964-B-GQ SILABS-C8051F964-B-GQ Datasheet
4Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
C8051F964-B-GQ SILABS-C8051F964-B-GQ Datasheet
9Mb / 492P
   Ultra Low Power 128K, LCD MCU Family
Rev. 1.1
More results

Similar Description - C8051F964-A-GM

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1282 SEMTECH-SX1282 Datasheet
178Kb / 1P
   Transceiver/MCU/ADC System-on-Chip with RISC CPU for Battery-Powered Ultra-Low Power Applications
logo
Silicon Laboratories
C8051F98X SILABS-C8051F98X Datasheet
51Kb / 2P
   Ultra Low Power, High-Performance MCU
C8051F912 SILABS-C8051F912 Datasheet
61Kb / 3P
   Ultra-Low Power, High-Performance MCU
logo
Schneider Electric
IMT65W SCHNEIDER-IMT65W Datasheet
105Kb / 1P
   Battery powered magnetic watertransmitter for district metering of potable water
Apr 26, 2022
6500W SCHNEIDER-6500W Datasheet
116Kb / 2P
   Battery powered magnetic watermeter for district metering of potable water
Apr 26, 2022
logo
LSI Computer Systems
LS6525 LSI-LS6525 Datasheet
191Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
LS6525 LSI-LS6525_15 Datasheet
219Kb / 5P
   BATTERY POWERED LOW-POWER PIR SENSOR INTERFACE
logo
Recom International Pow...
RM-E RECOM-RM-E Datasheet
93Kb / 2P
   Uses include battery powered supplies, high efficiency designs or high temperature applications.
logo
Maxim Integrated Produc...
MAX22191 MAXIM-MAX22191_V01 Datasheet
498Kb / 13P
   Ultra-Low-Power, Parasitically Powered Digital Input
19-100229; Rev 1; 10/20
logo
Shenzhen Huazhimei Semi...
HM6100 HMSEMI-HM6100 Datasheet
454Kb / 6P
   Ultra Low Power Battery Monitor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com