Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SI57X-EVB Datasheet(PDF) 3 Page - Silicon Laboratories

Part # SI57X-EVB
Description  Si57X/598/599 ANY FREQUENCY I2C PROGRAMMABLE XO/VCXO EVALUATION BOARD
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI57X-EVB Datasheet(HTML) 3 Page - Silicon Laboratories

  SI57X-EVB Datasheet HTML 1Page - Silicon Laboratories SI57X-EVB Datasheet HTML 2Page - Silicon Laboratories SI57X-EVB Datasheet HTML 3Page - Silicon Laboratories SI57X-EVB Datasheet HTML 4Page - Silicon Laboratories SI57X-EVB Datasheet HTML 5Page - Silicon Laboratories SI57X-EVB Datasheet HTML 6Page - Silicon Laboratories SI57X-EVB Datasheet HTML 7Page - Silicon Laboratories SI57X-EVB Datasheet HTML 8Page - Silicon Laboratories SI57X-EVB Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 34 page
background image
Si57x-EVB
Rev. 0.2
3
1. Functional Description
The Si57x-EVB is the evaluation board assembly for the Si57x/598/599 any frequency I2C programmable XO/
VCO. This evaluation board assembly provides access to all signals for programming and operating the device.
The Si57x-EVB assembly motherboard and daughterboard schematics, bills of material, and PCB layouts are
appended as sections 5, 6 and 7, respectively. Reference designators below refer to the Si57x-EVB motherboard
unless otherwise noted. The Si57x-EVB is oriented with the daughterboard at the bottom in the directions below.
1.1. Motherboard-Daughterboard Connection
The Si57x-EVB motherboard connects to the Si57x daughterboard at connectors J13-J14. Each of these is a 2x20
pin, impedance controlled connector. The connectors are keyed so there is only one proper way to install the
board. Orient the boards on installation so that the silkscreen triangle on the daughterboard matches the silkscreen
on the motherboard.
1.2. Power Supply
The Si57x-EVB is pre-configured to accept 5 V from the USB connector at J15. To change the board's 5 V power
supply from the USB connection to the terminal block at J18, make these changes:
Remove R7.
Populate R8.
Note: If both R7 and R8 are installed, do not simultaneously connect to both the USB connector at J15 and to a separate 5 V
supply at J18. Otherwise, power supply contention may occur.
Typical supply current draw for the Si57x-EVB assembly (motherboard + daughterboard) is approximately 230 mA.
See the device data sheet for device power consumption specifications.
The evaluation daughter board are designed to operate at any of the following nominal voltages: 1.8, 2.5, or 3.3 V.
The Si57x-EVB has an on-board voltage regulator which supplies any of these voltages. The Si57x-EVB voltage
regulator is controlled via jumpers. By default, a jumper is installed, selecting 3.3 V for the Si57x/598/599.
Alternatively, VREG may be set to 1.8 or 2.5 V per Table 1.
Table 1. VREG Jumpers
Voltage
Selection
J6 Jumper Installation
(Assuming S/W Control Unavailable)
3.3
Connect pin 1 “3.3 V” to center pin 2
2.5
Connect pin 3 “2.5 V” to center pin 2
1.8
No jumper


Similar Part No. - SI57X-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI570 SILABS-SI570 Datasheet
315Kb / 26P
   ANY-RATE I2C PROGRAMMABLE XO/VCXO
Si570 SILABS-Si570 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
logo
Skyworks Solutions Inc.
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI571 SILABS-SI571 Datasheet
315Kb / 26P
   ANY-RATE I2C PROGRAMMABLE XO/VCXO
Si571 SILABS-Si571 Datasheet
111Kb / 2P
   Silicon Labs is pleased to announce rev 1.3 for the Si570
More results

Similar Description - SI57X-EVB

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI570 SILABS-SI570 Datasheet
315Kb / 26P
   ANY-RATE I2C PROGRAMMABLE XO/VCXO
SI5351A-B SILABS-SI5351A-B Datasheet
1Mb / 41P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Skyworks Solutions Inc.
SI5351-B SKYWORKS-SI5351-B Datasheet
1Mb / 48P
   I2C-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
logo
Silicon Laboratories
SI514 SILABS-SI514 Datasheet
1Mb / 36P
   ANY-FREQUENCY IC PROGRAMMABLE XO
logo
Skyworks Solutions Inc.
SI598 SKYWORKS-SI598 Datasheet
603Kb / 27P
   10–810 MHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.1
logo
Silicon Laboratories
SI5338 SILABS-SI5338_V01 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
SI5338 SILABS-SI5338 Datasheet
715Kb / 170P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
logo
Skyworks Solutions Inc.
SI5338 SKYWORKS-SI5338 Datasheet
1Mb / 46P
   I2C-PROGRAMMABLE ANY-FREQUENCY, ANY-OUTPUT QUAD CLOCK GENERATOR
Rev. 1.6
SI570 SKYWORKS-SI570 Datasheet
639Kb / 36P
   10 MHZ TO 1.4 GHZ I2C PROGRAMMABLE XO/VCXO
Rev. 1.6
logo
Silicon Laboratories
SI5350B SILABS-SI5350B Datasheet
280Kb / 24P
   FACTORY-PROGRAMMABLE ANY-FREQUENCY CMOS CLOCK GENERATOR VCXO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com