Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1652 Datasheet(PDF) 4 Page - Schurter Inc.

Part # 1652
Description  IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SCHURTER [Schurter Inc.]
Direct Link  http://www.schurterinc.com
Logo SCHURTER - Schurter Inc.

1652 Datasheet(HTML) 4 Page - Schurter Inc.

  1652 Datasheet HTML 1Page - Schurter Inc. 1652 Datasheet HTML 2Page - Schurter Inc. 1652 Datasheet HTML 3Page - Schurter Inc. 1652 Datasheet HTML 4Page - Schurter Inc. 1652 Datasheet HTML 5Page - Schurter Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image

Power Entry Modules with Line Filter
C20F
www.schurter.com/pg06
EMC Products
Rated Current
IEC [A]
Rated Current
UL [A]
Filter-Type
Panel mounting
Mounting side
Terminal
Capacitor
Order Number
16
20
Medical Version (M5)
Screw
Rear-Side
Quick connect terminals 6.3 x 0.8 mm
X1
C20F.0124
16
20
Medical Version (M5)
Screw
Rear-Side
Solder terminals
X2
C20F.0022
16
20
Medical Version (M5)
Screw
Rear-Side
Solder terminals
X1
C20F.0024
16
20
Medical Version (M5)
Snap-in
Front-Side
Quick connect terminals 6.3 x 0.8 mm
X2
C20F.0112
16
20
Medical Version (M5)
Snap-in
Front-Side
Quick connect terminals 6.3 x 0.8 mm
X1
C20F.0114
16
20
Medical Version (M5)
Snap-in
Front-Side
Solder terminals
X2
C20F.0012
16
20
Medical Version (M5)
Snap-in
Front-Side
Solder terminals
X1
C20F.0014
Wirelenght:150mm
Suffix"21"correspondstotheversionwithV-Lockmatingcordset.Theconnectorisequippedwithanotchintendedforusewiththelatchingcordset.Thecordlatchingsy-
stempreventsagainstaccidentalremovalofthecordset.Availableonlyforscrew-onversions.
Packaging unit
20Pcs
Accessories
Description
Assorted Covers
Rear Cover
0859.0047
Wire Harness
Wire harness for SCHURTER products
Cord retaining kits
Cord retaining strain relief
Countersunk, K
4700.0010
Flat head, L
4700.0011
Mating Outlets/Connectors
Category / Description
ConnectorOverview complete
IEC Connector C19, Rewireable, Straight
0104
IEC Connector C19, Rewireable, Angled
1651
IEC Connector C19, Rewireable, Straight
1652
IEC Connector C19, Rewireable, Angled
4790
IEC Connector C19, Rewireable, Straight
4795
Connectorfurther types toC20F


Similar Part No. - 1652

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
1652 SCHURTER-1652 Datasheet
417Kb / 3P
   IEC Connector C19, Rewireable, Straight
logo
B&K Precision Corporati...
1652 BK-1652 Datasheet
830Kb / 1P
   Triple Output DC Power Supplies
logo
List of Unclassifed Man...
1652-2 ETC2-1652-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
1652-2 ETC2-1652-2 Datasheet
336Kb / 1P
   SWAGE THREADED STANDOFFS
1652-2 ETC2-1652-2 Datasheet
336Kb / 1P
   SWAGE/FORCE FIT STANDOFFS
More results

Similar Description - 1652

ManufacturerPart #DatasheetDescription
logo
Schurter Inc.
C20F SCHURTER-C20F_V01 Datasheet
769Kb / 8P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
04.01.2022
C20F SCHURTER-C20F_18 Datasheet
623Kb / 7P
   IEC Appliance Inlet C20 with Filter, Front or Rear Side Mounting
5130 SCHURTER-5130_17 Datasheet
618Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V01 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130 Datasheet
716Kb / 5P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
5130 SCHURTER-5130_V02 Datasheet
655Kb / 7P
   IEC Appliance Inlet C20 with Filter, ECO design, front or rear side Mounting
04.01.2022
FGS SCHURTER-FGS_V01 Datasheet
523Kb / 6P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
17.08.2020
FGS SCHURTER-FGS Datasheet
513Kb / 4P
   IEC Appliance Inlet C14 with Filter, Front or Rear side Mounting
5120 SCHURTER-5120_V01 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
5120 SCHURTER-5120_V02 Datasheet
1Mb / 12P
   IEC Appliance Inlet C14 or C18 with Filter, ECO design, Front- or Rear Side Mounting
04.01.2022
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com