Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30CPT100 Datasheet(PDF) 6 Page - Vishay Siliconix

Part # 30CPT100
Description  High Performance Schottky Generation 5.0, 2 x 15 A
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30CPT100 Datasheet(HTML) 6 Page - Vishay Siliconix

  30CPT100 Datasheet HTML 1Page - Vishay Siliconix 30CPT100 Datasheet HTML 2Page - Vishay Siliconix 30CPT100 Datasheet HTML 3Page - Vishay Siliconix 30CPT100 Datasheet HTML 4Page - Vishay Siliconix 30CPT100 Datasheet HTML 5Page - Vishay Siliconix 30CPT100 Datasheet HTML 6Page - Vishay Siliconix 30CPT100 Datasheet HTML 7Page - Vishay Siliconix 30CPT100 Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
www.vishay.com
For technical questions, contact: diodes-tech@vishay.com
Document Number: 94559
6
Revision: 07-Oct-08
30CPT100
Vishay High Power Products
High Performance
Schottky Generation 5.0,
2 x 15 A
ORDERING INFORMATION TABLE
1
-
Current rating (30 A)
2
-
Circuit configuration:
C = Common cathode
3
-
Package:
P = TO-247
4
-
T = Trench
5
-
Voltage code (100 V)
Tube standard pack quantity: 25 pieces
Device code
5
13
24
30
C
P
T
100
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95223
Part marking information
http://www.vishay.com/doc?95226


Similar Part No. - 30CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
More results

Similar Description - 30CPT100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30CTT050-F VISHAY-30CTT050-F Datasheet
151Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 01-Oct-09
30CPT100 VISHAY-30CPT100 Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT100 VISHAY-30CTT100 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 19-Feb-08
30CTT045 VISHAY-30CTT045_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT045 VISHAY-30CTT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
30CTT100 VISHAY-30CTT100_12 Datasheet
149Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 15 A
Revision: 07-Oct-08
15TT100 VISHAY-15TT100 Datasheet
146Kb / 8P
   High Performance Schottky Generation 5.0, 15 A
Revision: 04-Aug-08
60CPT045 VISHAY-60CPT045 Datasheet
115Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 30 A
Revision: 07-Oct-08
MBR20T100CT VISHAY-MBR20T100CT Datasheet
116Kb / 7P
   High Performance Schottky Generation 5.0, 2 x 10 A
Revision: 15-Oct-08
6CUT10-E VISHAY-6CUT10-E_12 Datasheet
136Kb / 8P
   High Performance Schottky Generation 5.0, 2 x 3 A
Revision: 03-Nov-11
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com