Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPS20L15D-N3 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # STPS20L15D-N3
Description  Schottky Rectifier, 20 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

STPS20L15D-N3 Datasheet(HTML) 3 Page - Vishay Siliconix

  STPS20L15D-N3 Datasheet HTML 1Page - Vishay Siliconix STPS20L15D-N3 Datasheet HTML 2Page - Vishay Siliconix STPS20L15D-N3 Datasheet HTML 3Page - Vishay Siliconix STPS20L15D-N3 Datasheet HTML 4Page - Vishay Siliconix STPS20L15D-N3 Datasheet HTML 5Page - Vishay Siliconix STPS20L15D-N3 Datasheet HTML 6Page - Vishay Siliconix STPS20L15D-N3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-STPS20L15DPbF, VS-STPS20L15D-N3
www.vishay.com
Vishay Semiconductors
Revision: 30-Aug-11
3
Document Number: 94325
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics
1
10
1.6
0.4
VFM - Forward Voltage Drop (V)
100
0
0.2
0.6
0.8
1.0
T
J = 125 °C
T
J = 75 °C
T
J = 25 °C
1.2
1.4
1000
0.1
1
10
100
0
VR - Reverse Voltage (V)
15
12
369
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
1000
1000
010
100
VR - Reverse Voltage (V)
515
20
10 000
T
J = 25 °C
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
t1 - Rectangular Pulse Duration (s)
1
10
0.01
Single pulse
(thermal resistance)
.
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
100


Similar Part No. - STPS20L15D-N3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
93Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
logo
International Rectifier
STPS20L15D IRF-STPS20L15D Datasheet
276Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
STPS20L15D VISHAY-STPS20L15D Datasheet
110Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
STPS20L15D VISHAY-STPS20L15D Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
logo
STMicroelectronics
STPS20L15D STMICROELECTRONICS-STPS20L15D Datasheet
92Kb / 5P
   LOW DROP OR-ing POWER SCHOTTKY DIODE
More results

Similar Description - STPS20L15D-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-20TQ045PBF VISHAY-VS-20TQ045PBF Datasheet
165Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQ035SPBF VISHAY-20TQ035SPBF_13 Datasheet
157Kb / 8P
   Schottky Rectifier, 20 A
Revision: 12-Mar-10
20TQ VISHAY-20TQ Datasheet
118Kb / 6P
   Schottky Rectifier, 20 A
Revision: 25-Jun-08
20L15TPBF VISHAY-20L15TPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 14-Aug-08
20TQ035PBF VISHAY-20TQ035PBF_12 Datasheet
167Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20L15TS VISHAY-20L15TS Datasheet
111Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
20TQS VISHAY-20TQS Datasheet
117Kb / 6P
   Schottky Rectifier, 20 A
Revision: 22-Aug-08
VS-20L15TPBF VISHAY-VS-20L15TPBF_15 Datasheet
148Kb / 7P
   Schottky Rectifier, 20 A
Revision: 26-Aug-11
20TQSPBF VISHAY-20TQSPBF Datasheet
120Kb / 6P
   Schottky Rectifier, 20 A
Revision: 17-Jun-08
STPS20L15DPBF VISHAY-STPS20L15DPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 20 A
Revision: 15-Aug-08
STPS20L15GPBF VISHAY-STPS20L15GPBF_10 Datasheet
105Kb / 6P
   Schottky Rectifier, 20 A
Revision: 16-Mar-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com