Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2535CT-N3 Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MBR2535CT-N3
Description  Schottky Rectifier, 2 x 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2535CT-N3 Datasheet(HTML) 1 Page - Vishay Siliconix

  MBR2535CT-N3 Datasheet HTML 1Page - Vishay Siliconix MBR2535CT-N3 Datasheet HTML 2Page - Vishay Siliconix MBR2535CT-N3 Datasheet HTML 3Page - Vishay Siliconix MBR2535CT-N3 Datasheet HTML 4Page - Vishay Siliconix MBR2535CT-N3 Datasheet HTML 5Page - Vishay Siliconix MBR2535CT-N3 Datasheet HTML 6Page - Vishay Siliconix MBR2535CT-N3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
VS-MBR25...CTPbF Series, VS-MBR25...CT-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 30-Aug-11
1
Document Number: 94291
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Schottky Rectifier, 2 x 15 A
FEATURES
• 150 °C TJ operation
• Low forward voltage drop
• High frequency operation
• High
purity,
high
temperature
epoxy
encapsulation
for
enhanced
mechanical
strength and moisture resistance
• Guard ring for enhanced ruggedness and long
term reliability
• Compliant to RoHS Directive 2002/95/EC
• Designed and qualified according to JEDEC-JESD47
• Halogen-free according to IEC 61249-2-21 definition
(-N3 only)
DESCRIPTION
This center tap Schottky rectifier has been optimized for low
reverse leakage at high temperature. The proprietary barrier
technology allows for reliable operation up to 150 °C
junction temperature. Typical applications are in switching
power supplies, converters, freewheeling diodes, and
reverse battery protection.
PRODUCT SUMMARY
Package
TO-220AB
IF(AV)
2 x 15 A
VR
35 V, 45 V
VF at IF
See Electrical table
IRM max.
40 mA at 125 °C
TJ max.
150 °C
Diode variation
Common cathode
EAS
16 mJ
Anode
13
2
Base
common
cathode
2
Common
cathode
Anode
TO-220AB
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform (per device)
30
A
VRRM
35/45
V
IFRM
TC = 130 °C (per leg)
30
A
IFSM
tp = 5 μs sine
1060
VF
30 Apk, TJ = 125 °C
0.73
V
TJ
Range
- 65 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-MBR2535CTPbF
VS-MBR2535CT-N3
VS-MBR2545CTPbF
VS-MBR2545CT-N3
UNITS
Maximum DC reverse
voltage
VR
35
35
45
45
V
Maximum working peak
reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average
forward current
per leg
IF(AV)
TC = 130 °C, rated VR
15
A
per device
30
Peak repetitive forward current per leg
IFRM
Rated VR, square wave, 20 kHz, TC = 130 °C
30
Non-repetitive peak surge current
IFSM
5 µs sine or 3 µs rect. pulse
Following any rated load
condition and with rated VRRM
applied
1060
Surge applied at rated load conditions halfwave,
single phase, 60 Hz
150
Non-repetitive avalanche energy per leg
EAS
TJ = 25 °C, IAS = 2 A, L = 8 mH
16
mJ
Repetitive avalanche current per leg
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
2A


Similar Part No. - MBR2535CT-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MBR2535CT-1 VISHAY-MBR2535CT-1 Datasheet
125Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CT-1P VISHAY-MBR2535CT-1P Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
MBR2535CT-1P VISHAY-MBR2535CT-1P Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
MBR2535CT-1PBF VISHAY-MBR2535CT-1PBF Datasheet
129Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
MBR2535CT-1PBF VISHAY-MBR2535CT-1PBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
More results

Similar Description - MBR2535CT-N3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com