Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBR2535CTPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # MBR2535CTPBF
Description  Schottky Rectifier, 2 x 15 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MBR2535CTPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  MBR2535CTPBF_12 Datasheet HTML 1Page - Vishay Siliconix MBR2535CTPBF_12 Datasheet HTML 2Page - Vishay Siliconix MBR2535CTPBF_12 Datasheet HTML 3Page - Vishay Siliconix MBR2535CTPBF_12 Datasheet HTML 4Page - Vishay Siliconix MBR2535CTPBF_12 Datasheet HTML 5Page - Vishay Siliconix MBR2535CTPBF_12 Datasheet HTML 6Page - Vishay Siliconix MBR2535CTPBF_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-MBR25...CTPbF Series, VS-MBR25...CT-N3 Series
www.vishay.com
Vishay Semiconductors
Revision: 30-Aug-11
5
Document Number: 94291
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-MBR2535CTPbF
50
1000
Antistatic plastic tube
VS-MBR2535CT-N3
50
1000
Antistatic plastic tube
VS-MBR2545CTPbF
50
1000
Antistatic plastic tube
VS-MBR2545CT-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95222
Part marking information
TO-220AB PbF
www.vishay.com/doc?95225
TO-220AB -N3
www.vishay.com/doc?95028
35 = 35 V
45 = 45 V
-
Schottky MBR series
-
Current rating (30 A)
-
Voltage ratings
-
CT = Essential part number
Device code
6
2
4
3
5
MBR
25
45
CT
PbF
VS-
1
-
Vishay Semiconductors product
-
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
Environmental digit
2
3
4
5
6
1


Similar Part No. - MBR2535CTPBF_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
MBR2535CTPBF IRF-MBR2535CTPBF Datasheet
169Kb / 6P
   SCHOTTKY RECTIFIER 30 Amp
logo
Vishay Siliconix
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
More results

Similar Description - MBR2535CTPBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-30CTQ060PBF VISHAY-VS-30CTQ060PBF Datasheet
166Kb / 7P
   Schottky Rectifier, 2 x 15 A
Revision: 11-Oct-11
VS-30CTQ100SPBF VISHAY-VS-30CTQ100SPBF Datasheet
124Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 15-Mar-10
STPS30L30CGPBF VISHAY-STPS30L30CGPBF_10 Datasheet
103Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 16-Mar-10
25CTQ VISHAY-25CTQ Datasheet
119Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
25CTQPBF VISHAY-25CTQPBF Datasheet
122Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
30CPQ150 VISHAY-30CPQ150 Datasheet
128Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 22-Aug-08
30CTQS VISHAY-30CTQS Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 06-Oct-08
MBRB3030CTL VISHAY-MBRB3030CTL Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
MBR2535CTPBF VISHAY-MBR2535CTPBF Datasheet
117Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 13-Aug-08
32CTQ030 VISHAY-32CTQ030 Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 21-Aug-08
STPS30L30CTPBF VISHAY-STPS30L30CTPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 2 x 15 A
Revision: 14-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com