Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSM50GAL120DN2 Datasheet(PDF) 4 Page - Siemens Semiconductor Group

Part # BSM50GAL120DN2
Description  IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

BSM50GAL120DN2 Datasheet(HTML) 4 Page - Siemens Semiconductor Group

  BSM50GAL120DN2 Datasheet HTML 1Page - Siemens Semiconductor Group BSM50GAL120DN2 Datasheet HTML 2Page - Siemens Semiconductor Group BSM50GAL120DN2 Datasheet HTML 3Page - Siemens Semiconductor Group BSM50GAL120DN2 Datasheet HTML 4Page - Siemens Semiconductor Group BSM50GAL120DN2 Datasheet HTML 5Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Semiconductor Group
4
Mar-29-1996
BSM 50 GAL 120 DN2
Electrical Characteristics, at Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Chopper Diode
Chopper diode forward voltage
IFC = 75 A, VGE = 0 V, Tj = 25 °C
IFC = 75 A, VGE = 0 V, Tj = 125 °C
VFC
-
-
1.8
2.3
-
2.8
V
Reverse recovery time, chopper
IFC = 75 A, VR = -600 V, VGE = 0 V
diF/dt = -800 A/µs, Tj = 125 °C
trrC
-
0.25
-
µs
Reverse recovery charge, chopper
IFC = 75 A, VR = -600 V, VGE = 0 V
diF/dt = -900 A/µs
Tj = 25 °C
Tj = 125 °C
QrrC
-
-
12
3.2
-
-
µC


Similar Part No. - BSM50GAL120DN2

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
BSM50GAL120DN2 EUPEC-BSM50GAL120DN2 Datasheet
142Kb / 6P
   IGBT Power Module
More results

Similar Description - BSM50GAL120DN2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM25GAL120DN2 SIEMENS-BSM25GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GT120DN2 SIEMENS-BSM100GT120DN2 Datasheet
180Kb / 9P
   IGBT Power Module (Three single switches Including fast free-wheeling diodes Package with insulated metal base plate)
BSM150GB120DN2 SIEMENS-BSM150GB120DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM150GB170DN2 SIEMENS-BSM150GB170DN2 Datasheet
131Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM25GB120DN2 SIEMENS-BSM25GB120DN2 Datasheet
111Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM200GB120DN2 SIEMENS-BSM200GB120DN2 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB120DN2 SIEMENS-BSM100GB120DN2 Datasheet
132Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM400GB60DN2 SIEMENS-BSM400GB60DN2 Datasheet
127Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM100GB120DN2K SIEMENS-BSM100GB120DN2K Datasheet
114Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
BSM50GB120DN2 SIEMENS-BSM50GB120DN2 Datasheet
112Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com