Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BD5451EFV_1106 Datasheet(PDF) 8 Page - Rohm

Part # BD5451EFV_1106
Description  Class-D Speaker Amplifier for Digital Input
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD5451EFV_1106 Datasheet(HTML) 8 Page - Rohm

Back Button BD5451EFV_1106 Datasheet HTML 4Page - Rohm BD5451EFV_1106 Datasheet HTML 5Page - Rohm BD5451EFV_1106 Datasheet HTML 6Page - Rohm BD5451EFV_1106 Datasheet HTML 7Page - Rohm BD5451EFV_1106 Datasheet HTML 8Page - Rohm BD5451EFV_1106 Datasheet HTML 9Page - Rohm BD5451EFV_1106 Datasheet HTML 10Page - Rohm BD5451EFV_1106 Datasheet HTML 11Page - Rohm BD5451EFV_1106 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Technical Note
8/34
BD5451EFV
www.rohm.com
2011.06 - Rev.A
© 2011 ROHM Co., Ltd. All rights reserved.
Electrical characteristic curves(VCC=12V, Ta=25℃, RL=4Ω, Gain=20dB, fin=1kHz, fs=48kHz)
Measured by ROHM designed 4layer board
Fig.25
FFT of output noise voltage
Fig.26
Voltage gain - Frequency
Fig.27
THD+N – Output power
Fig.28
THD+N – Frequency
Fig.29
Crosstalk – Output power
Fig.30
Crosstalk – Frequency
-140
-130
-120
-110
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
FREQUENCY [Hz]
No signal
10
12
14
16
18
20
22
24
26
28
30
10
100
1k
10k
100k
FREQUENCY [Hz]
Po=1W
0.01
0.1
1
10
100
0.01
0.1
1
10
100
OUTPUT POWER [W/CH]
BW=20~20KHZ
6KHZ
100HZ
1KHZ
0.01
0.1
1
10
100
10
100
1k
10k
100k
FREQUENCY [Hz]
BW=20~20KHz
Po=1W
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
0.01
0.1
1
10
100
OUTPUT POWER [W/CH]
BW=20~20KHZ
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
10
100
1k
10k
100k
FREQUENCY [Hz]
BW=20~20KHz
Po=1W


Similar Part No. - BD5451EFV_1106

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5451EFV ROHM-BD5451EFV Datasheet
156Kb / 5P
   Silicon Semiconductor integrated circuits
More results

Similar Description - BD5451EFV_1106

ManufacturerPart #DatasheetDescription
logo
Rohm
BD5452AMUV ROHM-BD5452AMUV Datasheet
1Mb / 55P
   Class D Speaker Amplifier for Digital Input
BD5446EFV_101 ROHM-BD5446EFV_101 Datasheet
805Kb / 31P
   Class-D Speaker Amplifier for Digital Input
BD5446EFV ROHM-BD5446EFV_11 Datasheet
804Kb / 32P
   Class-D Speaker Amplifier for Digital Input
BD28623MUV ROHM-BD28623MUV Datasheet
2Mb / 53P
   Class D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98371 MAXIM-MAX98371 Datasheet
2Mb / 80P
   Digital Input Class D Speaker Amplifier
Rev 0; 3/15
logo
Rohm
BD5446EFV ROHM-BD5446EFV Datasheet
747Kb / 31P
   20W20W Class-D Speaker Amplifier for Digital Input
logo
Maxim Integrated Produc...
MAX98374 MAXIM-MAX98374 Datasheet
3Mb / 129P
   Digital Input Class D Speaker Amplifier with DHT
Rev 0; 3/18
logo
Rohm
BM5446EFV ROHM-BM5446EFV_10 Datasheet
882Kb / 33P
   Class-D Speaker Amplifier for Digital Input with Built-in DSP
logo
New Japan Radio
NJU8752 NJRC-NJU8752 Datasheet
63Kb / 6P
   Analog Signal Input Class D Amplifier for Piezo Speaker
logo
Rohm
BD5426EFS ROHM-BD5426EFS Datasheet
448Kb / 17P
   10W10W Class-D Speaker Amplifier for Analog Input
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com