Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK3018UB Datasheet(PDF) 1 Page - Rohm

Part # 2SK3018UB
Description  2.5V Drive Nch MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SK3018UB Datasheet(HTML) 1 Page - Rohm

  2SK3018UB Datasheet HTML 1Page - Rohm 2SK3018UB Datasheet HTML 2Page - Rohm 2SK3018UB Datasheet HTML 3Page - Rohm 2SK3018UB Datasheet HTML 4Page - Rohm 2SK3018UB Datasheet HTML 5Page - Rohm 2SK3018UB Datasheet HTML 6Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Sheet
www.rohm.com
© 2011 ROHM Co., Ltd. All rights reserved.
2.5V Drive Nch MOSFET
2SK3018UB
Structure
Dimensions (Unit : mm)
Silicon N-channel MOSFET
Features
1) Low on-resistance.
2) Low voltage drive(2.5V drive).
Application
Switching
Packaging specifications
Inner circuit
Package
Taping
Code
TCL
Basic ordering unit (pieces)
3000
2SK3018UB
Absolute maximum ratings (Ta = 25
C)
Symbol
Limits
Unit
Drain-source voltage
VDSS
30
V
Gate-source voltage
VGSS
20
V
Continuous
ID
100
mA
Pulsed
IDP
400
mA
Power dissipation
PD
200
mW
Channel temperature
Tch
150
C
Range of storage temperature
Tstg
55 to 150
C
*1 Pw
10s, Duty cycle1%
*2 Each terminal mounted on a recommended land.
Thermal resistance
Symbol
Limits
Unit
Channel to Ambient
Rth (ch-a)
625
C / W
* Each terminal mounted on a recommended land.
Parameter
Type
Drain current
Parameter
*2
*1
(1) Gate
(2) Source
(3) Drain
1 ESD PROTECTION DIODE
2 BODY DIODE
*
UMT3F
2.0
0.32
0.65
0.65
1.3
(1)
(2)
(3)
0.9
0.13
Abbreviated symbol : KN
∗2
∗1
(3)
(1)
(2)
1/5
2011.10 - Rev.A


Similar Part No. - 2SK3018UB

ManufacturerPart #DatasheetDescription
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 5P
   Small switching (30V, 0.1A)
logo
SHIKUES Electronics
2SK3018 SKTECHNOLGY-2SK3018 Datasheet
418Kb / 2P
   Low on-resistance, Fast switching spped, Silicon N-channel MOSFET
logo
Rohm
2SK3018 ROHM-2SK3018 Datasheet
89Kb / 4P
   2.5V Drive Nch MOS FET
logo
Shenzhen Tuofeng Semico...
2SK3018 TUOFENG-2SK3018 Datasheet
2Mb / 4P
   N-Channel 30-V(D-S) MOSFET
Mar,2018 V1.0
logo
Guangdong Kexin Industr...
2SK3018 KEXIN-2SK3018 Datasheet
81Kb / 2P
   N-Channel MOSFET
More results

Similar Description - 2SK3018UB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
UM6K31N TI-UM6K31N Datasheet
205Kb / 6P
[Old version datasheet]   2.5V Drive Nch Nch MOSFET
logo
Rohm
EM6K31_1009 ROHM-EM6K31_1009 Datasheet
195Kb / 6P
   2.5V Drive Nch Nch MOSFET
US6K1 ROHM-US6K1_09 Datasheet
193Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31 ROHM-EM6K31 Datasheet
191Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2_0610 ROHM-QS5K2_0610 Datasheet
67Kb / 4P
   2.5V Drive NchNch MOSFET
US6K1TR ROHM-US6K1TR Datasheet
129Kb / 4P
   2.5V Drive NchNch MOSFET
EM6K31T2R ROHM-EM6K31T2R Datasheet
152Kb / 6P
   2.5V Drive Nch Nch MOSFET
UM6K31N ROHM-UM6K31N Datasheet
205Kb / 6P
   2.5V Drive Nch Nch MOSFET
QS5K2TR ROHM-QS5K2TR Datasheet
61Kb / 4P
   2.5V Drive Nch Nch MOSFET
RTR030N05 ROHM-RTR030N05 Datasheet
222Kb / 5P
   2.5V Drive Nch MOSFET
RTL035N03 ROHM-RTL035N03 Datasheet
66Kb / 3P
   2.5V Drive Nch MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com