Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SC3906K Datasheet(PDF) 1 Page - Rohm

Part # 2SC3906K
Description  High-voltage Amplifier Transistor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

2SC3906K Datasheet(HTML) 1 Page - Rohm

  2SC3906K Datasheet HTML 1Page - Rohm 2SC3906K Datasheet HTML 2Page - Rohm 2SC3906K Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1/2
www.rohm.com
c
2012 ROHM Co., Ltd. All rights reserved.
2012.01 - Rev.B
High-voltage Amplifier Transistor (120V, 50mA)
2SC4102 / 2SC3906K
Features
Dimensions (Unit : mm)
1) High breakdown voltage. (BVCEO = 120V)
2) Complements the 2SA1579 / 2SA1514K
Absolute maximum ratings (Ta=25
C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
120
120
5
50
0.2
150
−55 to +150
Unit
V
V
V
mA
W
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power dissipation
Junction temperature
Storage temperature
Packaging specifications and hFE
Type
2SC3906K
SMT3
RS
T
T146
3000
2SC4102
UMT3
RS
T
T106
3000
Package
hFE
Code
Marking
Basic ordering unit (pieces)
Denotes hFE
Electrical characteristics (Ta=25
C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
Cob
120
120
5
180
140
2.5
0.5
0.5
0.5
560
V
V
V
μA
μA
V
MHz
pF
IC
=50μA
IC
=1mA
IE
=50μA
VCB
=100V
VEB
=4V
IC/IB
=10mA/1mA
VCE
=6V, IC=2mA
VCE
=12V, IE=−2mA, f=100MHz
VCB
=12V, IE=0A, f=1MHz
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Transition frequency
Output capacitance
ROHM : SMT3
EIAJ : SC-59
JEDEC : SOT-346
2SC3906K
(1) Emitter
(2) Base
(3) Collector
ROHM : UMT3
EIAJ : SC-70
JEDEC : SOT-323
2SC4102
(1) Emitter
(2) Base
(3) Collector
1.25
2.1
0.1Min.
Each lead has same dimensions
0.3Min.
2.8
1.6
Each lead has same dimensions


Similar Part No. - 2SC3906K

ManufacturerPart #DatasheetDescription
logo
Rohm
2SC3906K ROHM-2SC3906K Datasheet
59Kb / 1P
   High-voltage Amplifier Transistor(120V, 50mA)
2SC3906K ROHM-2SC3906K Datasheet
75Kb / 3P
   High-voltage Amplifier Transistor (120V, 50mA)
logo
Guangdong Kexin Industr...
2SC3906K KEXIN-2SC3906K Datasheet
36Kb / 1P
   High-voltage Amplifier Transistor
logo
Rohm
2SC3906K ROHM-2SC3906K Datasheet
358Kb / 8P
   NPN 50mA 120V High Voltage Amplifier transistors
logo
Guangdong Kexin Industr...
2SC3906K-R KEXIN-2SC3906K-R Datasheet
1Mb / 4P
   NPN Transistors
More results

Similar Description - 2SC3906K

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SA1579 KEXIN-2SA1579 Datasheet
45Kb / 1P
   High-Voltage Amplifier Transistor
logo
Rohm
2SA1579 ROHM-2SA1579_11 Datasheet
161Kb / 3P
   High-voltage Amplifier Transistor
logo
Guangdong Kexin Industr...
2SA1514K KEXIN-2SA1514K Datasheet
36Kb / 1P
   High-voltage Amplifier Transistor
2SC3906K KEXIN-2SC3906K Datasheet
36Kb / 1P
   High-voltage Amplifier Transistor
logo
Rohm
2SA1579 ROHM-2SA1579_15 Datasheet
1Mb / 11P
   High-voltage Amplifier Transistor
2SA821S ROHM-2SA821S Datasheet
67Kb / 3P
   HIGH VOLTAGE AMPLIFIER TRANSISTOR
logo
Guangdong Kexin Industr...
2SC4102 KEXIN-2SC4102 Datasheet
46Kb / 1P
   High-voltage Amplifier Transistor
logo
Rohm
2SC5274 ROHM-2SC5274 Datasheet
23Kb / 1P
   High-Voltage Amplifier Transistor
BSS63 ROHM-BSS63 Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor
BSS63HZG ROHM-BSS63HZG Datasheet
1Mb / 10P
   High-voltage Amplifier Transistor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com