Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KBPC6 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # KBPC6
Description  Single Phase Rectifier Bridge, 3 A, 6 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KBPC6 Datasheet(HTML) 5 Page - Vishay Siliconix

  KBPC6 Datasheet HTML 1Page - Vishay Siliconix KBPC6 Datasheet HTML 2Page - Vishay Siliconix KBPC6 Datasheet HTML 3Page - Vishay Siliconix KBPC6 Datasheet HTML 4Page - Vishay Siliconix KBPC6 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Legal Disclaimer Notice
www.vishay.com
Vishay
Revision: 12-Mar-12
1
Document Number: 91000
Disclaimer
ALL PRODUCT, PRODUCT SPECIFICATIONS AND DATA ARE SUBJECT TO CHANGE WITHOUT NOTICE TO IMPROVE
RELIABILITY, FUNCTION OR DESIGN OR OTHERWISE.
Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively,
“Vishay”), disclaim any and all liability for any errors, inaccuracies or incompleteness contained in any datasheet or in any other
disclosure relating to any product.
Vishay makes no warranty, representation or guarantee regarding the suitability of the products for any particular purpose or
the continuing production of any product. To the maximum extent permitted by applicable law, Vishay disclaims (i) any and all
liability arising out of the application or use of any product, (ii) any and all liability, including without limitation special,
consequential or incidental damages, and (iii) any and all implied warranties, including warranties of fitness for particular
purpose, non-infringement and merchantability.
Statements regarding the suitability of products for certain types of applications are based on Vishay’s knowledge of typical
requirements that are often placed on Vishay products in generic applications. Such statements are not binding statements
about the suitability of products for a particular application. It is the customer’s responsibility to validate that a particular
product with the properties described in the product specification is suitable for use in a particular application. Parameters
provided in datasheets and/or specifications may vary in different applications and performance may vary over time. All
operating parameters, including typical parameters, must be validated for each customer application by the customer’s
technical experts. Product specifications do not expand or otherwise modify Vishay’s terms and conditions of purchase,
including but not limited to the warranty expressed therein.
Except as expressly indicated in writing, Vishay products are not designed for use in medical, life-saving, or life-sustaining
applications or for any other application in which the failure of the Vishay product could result in personal injury or death.
Customers using or selling Vishay products not expressly indicated for use in such applications do so at their own risk and agree
to fully indemnify and hold Vishay and its distributors harmless from and against any and all claims, liabilities, expenses and
damages arising or resulting in connection with such use or sale, including attorneys fees, even if such claim alleges that Vishay
or its distributor was negligent regarding the design or manufacture of the part. Please contact authorized Vishay personnel to
obtain written terms and conditions regarding products designed for such applications.
No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by
any conduct of Vishay. Product names and markings noted herein may be trademarks of their respective owners.
Material Category Policy
Vishay Intertechnology, Inc. hereby certifies that all its products that are identified as RoHS-Compliant fulfill the
definitions and restrictions defined under Directive 2011/65/EU of The European Parliament and of the Council
of June 8, 2011 on the restriction of the use of certain hazardous substances in electrical and electronic equipment
(EEE) - recast, unless otherwise specified as non-compliant.
Please note that some Vishay documentation may still make reference to RoHS Directive 2002/95/EC. We confirm that
all the products identified as being compliant to Directive 2002/95/EC conform to Directive 2011/65/EU.


Similar Part No. - KBPC6

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
KBPC6 SEMTECH-KBPC6 Datasheet
122Kb / 2P
   6.0A SINGLE - PHASE SILICON BRIDGE???
logo
CHENG-YI ELECTRONIC CO....
KBPC6 CHENG-YI-KBPC6 Datasheet
124Kb / 2P
   SINGLE-PHASE SILICON BRIDGE
logo
Vishay Siliconix
KBPC6 VISHAY-KBPC6 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
logo
SynSemi, Inc.
KBPC6 SYNSEMI-KBPC6 Datasheet
395Kb / 2P
   Glass Passivated Single-Phase Bridge Recitifiers
logo
Vishay Siliconix
KBPC6 VISHAY-KBPC6 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
More results

Similar Description - KBPC6

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
KBPC1 NJSEMI-KBPC1 Datasheet
187Kb / 3P
   Single Phase Rectifier Bridge, 3 A, 6 A
logo
Vishay Siliconix
VS-KBPC1 VISHAY-VS-KBPC1_V01 Datasheet
124Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
01-Jan-2022
VS-KBPC1 VISHAY-VS-KBPC1_V02 Datasheet
123Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
01-Jan-2023
KBPC102 VISHAY-KBPC102 Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
VS-KBPC601PBF VISHAY-VS-KBPC601PBF Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
KBPC604PBF VISHAY-KBPC604PBF Datasheet
121Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revision: 23-Dec-08
VS-KBPC1 VISHAY-VS-KBPC1 Datasheet
122Kb / 5P
   Single Phase Rectifier Bridge, 3 A, 6 A
Revisio: 16-Mar-17
logo
Rugao Dachang Electroni...
KBJ6A DACHANG-KBJ6A Datasheet
195Kb / 2P
   Single-phase Silicon Bridge Rectifier Forward Current 6 A
logo
Vishay Siliconix
VS-MB VISHAY-VS-MB_V01 Datasheet
144Kb / 7P
   Single Phase Bridge Rectifier, 25 A, 35 A
01-Jan-2022
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com