Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

80CPQ020PBF Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 80CPQ020PBF
Description  Schottky Rectifier, 2 x 40 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

80CPQ020PBF Datasheet(HTML) 3 Page - Vishay Siliconix

  80CPQ020PBF Datasheet HTML 1Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 2Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 3Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 4Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 5Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 6Page - Vishay Siliconix 80CPQ020PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
VS-80CPQ020PbF, VS-80CPQ020-N3
www.vishay.com
Vishay Semiconductors
Revision: 31-Aug-11
3
Document Number: 94256
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Maximum Forward Voltage Drop Characteristics
(Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1
100
10
1000
VFM - Forward Voltage Drop (V)
0.2
0.4
0.6
0.8
1.0
1.2
0
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
1
10
100
0.1
0.01
10 000
1000
VR - Reverse Voltage (V)
16
20
48
12
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
1000
10 000
VR - Reverse Voltage (V)
510
15
25
20
0
T
J = 25 °C
0.01
0.1
1
0.00001
0.0001
0.001
0.01
0.1
1
t1 - Rectangular Pulse Duration (s)
10
Single pulse
(thermal resistance)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 80CPQ020PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
80CPQ020PBF IRF-80CPQ020PBF Datasheet
210Kb / 7P
   SCHOTTKY RECTIFIER 80 Amp
logo
Vishay Siliconix
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 12-Sep-08
More results

Similar Description - 80CPQ020PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
80CPQ150 VISHAY-80CPQ150 Datasheet
121Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 21-Aug-08
80CPQ020 VISHAY-80CPQ020 Datasheet
120Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 16-Oct-08
80CPQ020PBF VISHAY-80CPQ020PBF Datasheet
114Kb / 6P
   Schottky Rectifier, 2 x 40 A
Revision: 12-Sep-08
VS-80CPU02-N3 VISHAY-VS-80CPU02-N3_V01 Datasheet
175Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
VS-80CPQ020PBF VISHAY-VS-80CPQ020PBF_V01 Datasheet
134Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ150PBF VISHAY-VS-80CPQ150PBF_V01 Datasheet
133Kb / 7P
   Schottky Rectifier, 2 x 40 A
08-Feb-17
VS-80CPQ020-N3 VISHAY-VS-80CPQ020-N3 Datasheet
164Kb / 7P
   High Performance Schottky Rectifier, 2 x 40 A
01-Jan-2022
logo
STMicroelectronics
STPS80A45CHR STMICROELECTRONICS-STPS80A45CHR Datasheet
208Kb / 10P
   Rad-Hard 2 x 40 A - 45 V Schottky rectifier
March 2020 - Rev 2
STPS80A150CHR STMICROELECTRONICS-STPS80A150CHR Datasheet
212Kb / 11P
   Rad-Hard 2 x 40 A - 150 V Schottky rectifier
December 2021 - Rev 3
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com