Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72CPQ030PBF Datasheet(PDF) 2 Page - Vishay Siliconix

Part # 72CPQ030PBF
Description  Schottky Rectifier, 2 x 35 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

72CPQ030PBF Datasheet(HTML) 2 Page - Vishay Siliconix

  72CPQ030PBF Datasheet HTML 1Page - Vishay Siliconix 72CPQ030PBF Datasheet HTML 2Page - Vishay Siliconix 72CPQ030PBF Datasheet HTML 3Page - Vishay Siliconix 72CPQ030PBF Datasheet HTML 4Page - Vishay Siliconix 72CPQ030PBF Datasheet HTML 5Page - Vishay Siliconix 72CPQ030PBF Datasheet HTML 6Page - Vishay Siliconix 72CPQ030PBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
VS-72CPQ030PbF, VS-72CPQ030-N3
www.vishay.com
Vishay Semiconductors
Revision: 31-Aug-11
2
Document Number: 94254
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Note
(1) Pulse width < 300 μs, duty cycle < 2 %
ELECTRICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum forward voltage drop per leg
See fig. 1
VFM (1)
35 A
TJ = 25 °C
0.51
V
70 A
0.61
35 A
TJ = 125 °C
0.43
70 A
0.58
Maximum reverse leakage current per leg
See fig. 2
IRM (1)
TJ = 25 °C
VR = Rated VR
1.9
mA
TJ = 125 °C
450
Threshold voltage
VF(TO)
TJ = TJ maximum
0.25
V
Forward slope resistance
rt
4.7
m
Maximum junction capacitance per leg
CT
VR = 5 VDC (test signal range 100 kHz to 1 MHz) 25 °C
4600
pF
Typical series inductance per leg
LS
Measured lead to lead 5 mm from package body
7.5
nH
Maximum voltage rate of change
dV/dt
Rated VR
10 000
V/μs
THERMAL - MECHANICAL SPECIFICATIONS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum junction and storage
temperature range
TJ, TStg
- 55 to 150
°C
Maximum thermal resistance,
junction to case per leg
RthJC
DC operation
See fig. 4
0.8
°C/W
Maximum thermal resistance,
junction to case per package
DC operation
0.4
Typical thermal resistance,
case to heatsink
RthCS
Mounting surface, smooth and greased
0.25
Approximate weight
6g
0.21
oz.
Mounting torque
minimum
6 (5)
kgf · cm
(lbf · in)
maximum
12 (10)
Marking device
Case style TO-247AC (JEDEC)
72CPQ030


Similar Part No. - 72CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
72CPQ030PBF IRF-72CPQ030PBF Datasheet
206Kb / 6P
   SCHOTTKY RECTIFIER 70 Amp
logo
Vishay Siliconix
72CPQ030PBF VISHAY-72CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 35 A
Revision: 13-Aug-08
More results

Similar Description - 72CPQ030PBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
72CPQ030PBF VISHAY-72CPQ030PBF Datasheet
132Kb / 6P
   Schottky Rectifier, 2 x 35 A
Revision: 13-Aug-08
72CPQ030 VISHAY-72CPQ030 Datasheet
127Kb / 6P
   Schottky Rectifier, 2 x 35 A
Revision: 21-Aug-08
VS-72CPQ030PBF VISHAY-VS-72CPQ030PBF_V01 Datasheet
151Kb / 7P
   Schottky Rectifier, 2 x 35 A
08-Feb-17
70CRU02 VISHAY-70CRU02 Datasheet
125Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 28-Jul-08
70CRU02PBF VISHAY-70CRU02PBF Datasheet
119Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
70CRU04PBF VISHAY-70CRU04PBF_11 Datasheet
128Kb / 7P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
70CRU02PBF VISHAY-70CRU02PBF_11 Datasheet
137Kb / 8P
   Ultrafast Rectifier, 2 x 35 A FRED Pt
Revision: 09-Feb-11
70CRU04PBF VISHAY-70CRU04PBF Datasheet
122Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 21-Jul-08
70CRU04 VISHAY-70CRU04 Datasheet
115Kb / 6P
   Ultrafast Rectifier, 2 x 35 A FRED PtTM
Revision: 28-Jul-08
80CPQ150PBF VISHAY-80CPQ150PBF Datasheet
155Kb / 7P
   Schottky Rectifier, 2 x 40 A
Revision: 13-Aug-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com