Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C67070-A2007-A70 Datasheet(PDF) 8 Page - Siemens Semiconductor Group

Part # C67070-A2007-A70
Description  IGBT Power Module (Single switch Including fast free-wheeling diodes Enlarged diode area)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67070-A2007-A70 Datasheet(HTML) 8 Page - Siemens Semiconductor Group

  C67070-A2007-A70 Datasheet HTML 1Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 2Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 3Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 4Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 5Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 6Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 7Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 8Page - Siemens Semiconductor Group C67070-A2007-A70 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Semiconductor Group
8
Mar-29-1996
BSM300GA120DN2E3166
Forward characteristics of fast recovery
reverse diode
IF = f(VF)
parameter:
Tj
0.0
0.5
1.0
1.5
2.0
V
3.0
V
F
0
50
100
150
200
250
300
350
400
450
500
A
600
I
F
T
j=25°C
=125°C
j
T
Transient thermal impedance
Diode
Zth JC = ƒ(tp)
parameter:
D = tp / T
-4
10
-3
10
-2
10
-1
10
0
10
K/W
Z
thJC
10
-5
10
-4
10
-3
10
-2
10
-1
10
0
s
t
p
single pulse
0.01
0.02
0.05
0.10
0.20
D = 0.50


Similar Part No. - C67070-A2007-A70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67070-A2107-A70 SIEMENS-C67070-A2107-A70 Datasheet
114Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
C67070-A2111-A70 SIEMENS-C67070-A2111-A70 Datasheet
110Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Doubled diode area)
C67070-A2120-A67 SIEMENS-C67070-A2120-A67 Datasheet
127Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
C67070-A2300-A70 SIEMENS-C67070-A2300-A70 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Package with insulated metal base plate)
C67070-A2301-A70 SIEMENS-C67070-A2301-A70 Datasheet
76Kb / 5P
   IGBT Power Module (Single switch with chopper diode Package with insulated metal base plate)
More results

Similar Description - C67070-A2007-A70

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSM300GA170DN2E3166 SIEMENS-BSM300GA170DN2E3166 Datasheet
124Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GB120DN2E3166 SIEMENS-BSM150GB120DN2E3166 Datasheet
130Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GB170DN2E3166 SIEMENS-BSM150GB170DN2E3166 Datasheet
129Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Enlarged diode area)
BSM150GAL120DN2 SIEMENS-BSM150GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM35GB120DN2 SIEMENS-BSM35GB120DN2 Datasheet
110Kb / 9P
   IGBT Power Module (Half-bridge Including fast free-wheeling diodes Doubled diode area)
BSM75GAL120DN2 SIEMENS-BSM75GAL120DN2 Datasheet
62Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM100GAL120DN2 SIEMENS-BSM100GAL120DN2 Datasheet
81Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM150GAL120DN2E3166 SIEMENS-BSM150GAL120DN2E3166 Datasheet
80Kb / 5P
   IGBT Power Module (Single switch with chopper diode Including fast free-wheeling diodes)
BSM400GA120DL SIEMENS-BSM400GA120DL Datasheet
115Kb / 9P
   IGBT Power Module (Low Loss IGBT Low inductance single switch Including fast free- wheeling diodes)
BSM200GB120DL SIEMENS-BSM200GB120DL Datasheet
128Kb / 9P
   IGBT Power Module (Low Loss IGBT Low inductance halfbridge Including fast free- wheeling diodes)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com