Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

30WQ04FNPBF Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 30WQ04FNPBF
Description  Schottky Rectifier, 3.5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

30WQ04FNPBF Datasheet(HTML) 1 Page - Vishay Siliconix

  30WQ04FNPBF Datasheet HTML 1Page - Vishay Siliconix 30WQ04FNPBF Datasheet HTML 2Page - Vishay Siliconix 30WQ04FNPBF Datasheet HTML 3Page - Vishay Siliconix 30WQ04FNPBF Datasheet HTML 4Page - Vishay Siliconix 30WQ04FNPBF Datasheet HTML 5Page - Vishay Siliconix 30WQ04FNPBF Datasheet HTML 6Page - Vishay Siliconix 30WQ04FNPBF Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Document Number: 94198
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 14-Jan-11
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
1
Schottky Rectifier, 3.5 A
VS-30WQ04FNPbF
Vishay Semiconductors
FEATURES
• Popular D-PAK outline
• Small foot print, surface mountable
• Low forward voltage drop
• High frequency operation
• Guard ring for enhanced ruggedness and long term
reliability
• Compliant to RoHS Directive 2002/95/EC
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
DESCRIPTION
The VS-30WQ04FNPbF surface mount Schottky rectifier
has been designed for applications requiring low forward
drop and small foot prints on PC board. Typical applications
are in disk drives, switching power supplies, converters,
freewheeling diodes, battery charging, and reverse battery
protection.
PRODUCT SUMMARY
Package
D-PAK (TO-252AA)
IF(AV)
3.5 A
VR
40 V
VF at IF
See Electrical table
IRM
24 mA at 125 °C
TJ max.
150 °C
Diode variation
Single die
EAS
8 mJ
Anode
1
3
Base
cathode
Anode
4, 2
D-PAK (TO-252AA)
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IF(AV)
Rectangular waveform
3.5
A
VRRM
40
V
IFSM
tp = 5 μs sine
500
A
VF
3 Apk, TJ = 125 °C
0.49
V
TJ
- 40 to 150
°C
VOLTAGE RATINGS
PARAMETER
SYMBOL
VS-30WQ04FNPbF
UNITS
Maximum DC reverse voltage
VR
40
V
Maximum working peak reverse voltage
VRWM
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
TEST CONDITIONS
VALUES
UNITS
Maximum average forward current
See fig. 5
IF(AV)
50 % duty cycle at TC = 135 °C, rectangular waveform
3.5
A
Maximum peak one cycle
non-repetitive surge current
See fig. 7
IFSM
5 μs sine or 3 μs rect. pulse
Following any rated load
condition and with rated
VRRM applied
500
10 ms sine or 6 ms rect. pulse
80
Non-repetitive avalanche energy
EAS
TJ = 25 °C, IAS = 1 A, L = 16 mH
8.0
mJ
Repetitive avalanche current
IAR
Current decaying linearly to zero in 1 μs
Frequency limited by TJ maximum VA = 1.5 x VR typical
1.0
A


Similar Part No. - 30WQ04FNPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
30WQ04FNPBF IRF-30WQ04FNPBF Datasheet
176Kb / 8P
   SCHOTTKY RECTIFIER 3.5 Amp
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
More results

Similar Description - 30WQ04FNPBF

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
30WQ04FNPBF VISHAY-30WQ04FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 17-Apr-08
30WQ06FNPBF VISHAY-30WQ06FNPBF Datasheet
108Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ03FNPBF VISHAY-30WQ03FNPBF_12 Datasheet
128Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3_V01 Datasheet
135Kb / 7P
   Schottky Rectifier, 3.5 A
01-Jan-2022
VS-30WQ10FNPBF VISHAY-VS-30WQ10FNPBF Datasheet
166Kb / 9P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FN-M3 VISHAY-30WQ03FN-M3 Datasheet
129Kb / 7P
   Schottky Rectifier, 3.5 A
Revision: 03-Nov-10
30WQ10FNPBF VISHAY-30WQ10FNPBF_11 Datasheet
156Kb / 8P
   Schottky Rectifier, 3.5 A
Revision: 14-Jan-11
30WQ03FNPBF VISHAY-30WQ03FNPBF Datasheet
105Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 18-Apr-08
30WQ10FNPBF VISHAY-30WQ10FNPBF Datasheet
104Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 13-Aug-08
VS-30WQ10FNHM3 VISHAY-VS-30WQ10FNHM3 Datasheet
109Kb / 6P
   Schottky Rectifier, 3.5 A
Revision: 21-Aug-13
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com