Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

26MB140A Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 26MB140A
Description  Single Phase Bridge (Power Modules), 25 A/35 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

26MB140A Datasheet(HTML) 3 Page - Vishay Siliconix

  26MB140A_12 Datasheet HTML 1Page - Vishay Siliconix 26MB140A_12 Datasheet HTML 2Page - Vishay Siliconix 26MB140A_12 Datasheet HTML 3Page - Vishay Siliconix 26MB140A_12 Datasheet HTML 4Page - Vishay Siliconix 26MB140A_12 Datasheet HTML 5Page - Vishay Siliconix 26MB140A_12 Datasheet HTML 6Page - Vishay Siliconix 26MB140A_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93564
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Jun-08
3
MB High Voltage Series
Single Phase Bridge
(Power Modules), 25 A/35 A
Vishay High Power Products
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Forward Voltage Drop Characteristics
Fig. 3 - Total Power Loss Characteristics
Fig. 4 - Maximum Non-Repetitive Surge Current
Fig. 5 - Maximum Non-Repetitive Surge Current
Average Forward Current (A)
50
70
90
110
130
150
0
5
10
15
20
25
30
180°
(Rect)
180°
(Sine)
26MB..A Series
Instantaneous Forward Voltage (V)
1
10
100
1000
0.5
1
1.5
2
2.5
3
3.5
26MB..A Series
Tj = 25°C
Tj = 150°C
Average Forward Current (A)
Maximum Allowable Ambient Temperature (°C)
0
10
20
30
40
50
0
5
10
15
20
25
180°
(Sine)
26MB..A Series
Tj = 150°C
180°
(Rect)
0
25
50
75
100
125
150
2 K/
W
3 K/
W
4 K/
W
5 K/
W
7 K/W
10 K/W
Number of Equal Amplitude Half Cycle Current Pulses (N)
100
150
200
250
300
350
400
110
100
26MB..A series
At Any Rated Load Condition And With
Initial Tj = 150°C
@ 60 Hz 0.0083 s
@ 50 Hz 0.0100 s
Rated Vrrm Applied Following Surge
50
150
250
350
450
0.01
0.1
1
Maximum Non Repetitive Surge Current
Versus Pulse Train Duration.
26MB..A Series
Initial Tj = 150 °C
No Voltage Reapplied
Rated Vrrm Reapplied
Pulse Train Duration (s)


Similar Part No. - 26MB140A_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
26MB140A VISHAY-26MB140A Datasheet
160Kb / 6P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
More results

Similar Description - 26MB140A_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-GBPC3512W VISHAY-VS-GBPC3512W Datasheet
885Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 08-Apr-14
VS-36MB10A VISHAY-VS-36MB10A Datasheet
784Kb / 8P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
VS-MB VISHAY-VS-MB Datasheet
806Kb / 7P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 10-Jul-13
26MB140A VISHAY-26MB140A Datasheet
160Kb / 6P
   Single Phase Bridge (Power Modules), 25 A/35 A
Revision: 17-Jun-08
GBPC25 VISHAY-GBPC25 Datasheet
129Kb / 7P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 29-Sep-08
26MB20A VISHAY-26MB20A Datasheet
119Kb / 6P
   Single Phase Bridge (Power Modules), 25/35 A
Revision: 27-Jun-08
26MT VISHAY-26MT_12 Datasheet
203Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT80 VISHAY-VS-36MT80 Datasheet
201Kb / 8P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
26MT VISHAY-26MT Datasheet
187Kb / 7P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
VS-36MT160 VISHAY-VS-36MT160 Datasheet
208Kb / 9P
   Three Phase Bridge (Power Modules), 25/35 A
Revision: 03-Nov-08
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com