Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

19TQ015PBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 19TQ015PBF
Description  Schottky Rectifier, 19 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

19TQ015PBF Datasheet(HTML) 5 Page - Vishay Siliconix

  19TQ015PBF_12 Datasheet HTML 1Page - Vishay Siliconix 19TQ015PBF_12 Datasheet HTML 2Page - Vishay Siliconix 19TQ015PBF_12 Datasheet HTML 3Page - Vishay Siliconix 19TQ015PBF_12 Datasheet HTML 4Page - Vishay Siliconix 19TQ015PBF_12 Datasheet HTML 5Page - Vishay Siliconix 19TQ015PBF_12 Datasheet HTML 6Page - Vishay Siliconix 19TQ015PBF_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
VS-19TQ015PbF, VS-19TQ015-N3
www.vishay.com
Vishay Semiconductors
Revision: 25-Aug-11
5
Document Number: 94151
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
ORDERING INFORMATION TABLE
ORDERING INFORMATION (Example)
PREFERRED P/N
QUANTITY PER T/R
MINIMUM ORDER QUANTITY
PACKAGING DESCRIPTION
VS-19TQ015PbF
50
1000
Antistatic plastic tube
VS-19TQ015-N3
50
1000
Antistatic plastic tube
LINKS TO RELATED DOCUMENTS
Dimensions
www.vishay.com/doc?95221
Part marking information
TO-220AC PbF
www.vishay.com/doc?95224
TO-220AC -N3
www.vishay.com/doc?95068
2
-
Current rating (19 = 19 A)
3
-
Package:
T = TO-220
4
-
Schottky “Q” series
5
-
Voltage rating (015 = 15 V)
Device code
6
2
4
3
5
19
T
Q
015 PbF
VS-
1
1
-
Vishay Semiconductors product
6
-
PbF = Lead (Pb)-free and RoHS compliant
-N3 = Halogen-free, RoHS compliant, and totally lead (Pb)-free
Environmental digit


Similar Part No. - 19TQ015PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
19TQ015PBF VISHAY-19TQ015PBF_08 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
More results

Similar Description - 19TQ015PBF_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
19TQ015SPBF VISHAY-19TQ015SPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015SPBF VISHAY-19TQ015SPBF_10 Datasheet
110Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Mar-10
19TQ015 VISHAY-19TQ015 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 25-Jun-08
19TQ015PBF VISHAY-19TQ015PBF Datasheet
92Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
19TQ015PBF VISHAY-19TQ015PBF_08 Datasheet
114Kb / 6P
   Schottky Rectifier, 19 A
Revision: 12-Sep-08
VS-19TQ015PBF VISHAY-VS-19TQ015PBF_15 Datasheet
152Kb / 7P
   Schottky Rectifier, 19 A
Revision: 25-Aug-11
VS-19TQ015-M3 VISHAY-VS-19TQ015-M3_V01 Datasheet
174Kb / 7P
   High Performance Schottky Rectifier, 19 A
01-Jan-2022
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3_V01 Datasheet
178Kb / 7P
   High Performance Schottky Rectifier, 19 A
01-Jan-2022
VS-19TQ015S-M3 VISHAY-VS-19TQ015S-M3_15 Datasheet
149Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 29-Jul-14
VS-19TQ015-M3 VISHAY-VS-19TQ015-M3 Datasheet
166Kb / 7P
   High Performance Schottky Rectifier, 19 A
Revision: 11-Oct-17
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com