Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

10WQ045FNTRL-M3 Datasheet(PDF) 4 Page - Vishay Siliconix

Part # 10WQ045FNTRL-M3
Description  Schottky Rectifier, 10 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

10WQ045FNTRL-M3 Datasheet(HTML) 4 Page - Vishay Siliconix

  10WQ045FNTRL-M3 Datasheet HTML 1Page - Vishay Siliconix 10WQ045FNTRL-M3 Datasheet HTML 2Page - Vishay Siliconix 10WQ045FNTRL-M3 Datasheet HTML 3Page - Vishay Siliconix 10WQ045FNTRL-M3 Datasheet HTML 4Page - Vishay Siliconix 10WQ045FNTRL-M3 Datasheet HTML 5Page - Vishay Siliconix 10WQ045FNTRL-M3 Datasheet HTML 6Page - Vishay Siliconix 10WQ045FNTRL-M3 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
www.vishay.com
For technical questions within your region, please contact one of the following:
Document Number: 93284
4
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
Revision: 03-Nov-10
VS-10WQ045FN-M3
Vishay Semiconductors
Schottky Rectifier, 10 A
Fig. 5 - Maximum Allowable Case Temperature vs.
Average Forward Current
Fig. 6 - Forward Power Loss Characteristics
Fig. 7 - Maximum Non-Repetitive Surge Current
Note
(1) Formula used: TC = TJ - (Pd + PdREV) x RthJC;
Pd = Forward power loss = IF(AV) x VFM at (IF(AV)/D) (see fig. 6);
PdREV = Inverse power loss = VR1 x IR (1 - D); IR at VR1 = 80 % rated VR
IF(AV) - Average Forward Current (A)
160
180
0
4
8
12
16
140
150
170
DC
Square wave (D = 0.50)
80 % rated V
R applied
See note (1)
26
10
14
IF(AV) - Average Forward Current (A)
0
2
4
6
8
036
912
15
10
DC
RMS limit
D = 0.20
D = 0.25
D = 0.33
D = 0.50
D = 0.75
tp - Square Wave Pulse Duration (µs)
100
1000
10
100
1000
10 000
10
At any rated load condition and
with rated V
RRM applied
following surge


Similar Part No. - 10WQ045FNTRL-M3

ManufacturerPart #DatasheetDescription
logo
International Rectifier
10WQ045FNTRL IRF-10WQ045FNTRL Datasheet
185Kb / 7P
   SCHOTTKY RECTIFIER
10WQ045FNTRLPBF IRF-10WQ045FNTRLPBF Datasheet
185Kb / 7P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
10WQ045FNTRLPBF VISHAY-10WQ045FNTRLPBF Datasheet
129Kb / 7P
   Schottky Rectifier, 10 A
Revision: 14-Jan-11
More results

Similar Description - 10WQ045FNTRL-M3

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-MBR10PBF VISHAY-VS-MBR10PBF Datasheet
158Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
VS-10TQPBF VISHAY-VS-10TQPBF Datasheet
167Kb / 7P
   Schottky Rectifier, 10 A
Revision: 11-Oct-11
MBR1045PBF VISHAY-MBR1045PBF Datasheet
110Kb / 6P
   Schottky Rectifier, 10 A
Revision: 14-Aug-08
10WQ045FNPBF VISHAY-10WQ045FNPBF_11 Datasheet
129Kb / 7P
   Schottky Rectifier, 10 A
Revision: 14-Jan-11
10TQ VISHAY-10TQ_12 Datasheet
144Kb / 7P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQPBF VISHAY-10TQPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 10 A
Revision: 05-Jun-08
10TQS VISHAY-10TQS Datasheet
125Kb / 6P
   Schottky Rectifier, 10 A
Revision: 25-Jun-08
STPS1045BPBF VISHAY-STPS1045BPBF Datasheet
91Kb / 6P
   Schottky Rectifier, 10 A
Revision: 23-Apr-08
MBR1035PBF VISHAY-MBR1035PBF_12 Datasheet
157Kb / 7P
   Schottky Rectifier, 10 A
Revision: 29-Aug-11
logo
Kersemi Electronic Co.,...
MBR1045PBF KERSEMI-MBR1045PBF Datasheet
1Mb / 5P
   Schottky Rectifier, 10 A
logo
Vishay Siliconix
VS-STPS1045B-M3 VISHAY-VS-STPS1045B-M3 Datasheet
135Kb / 7P
   Schottky Rectifier, 10 A
Revision: 03-Nov-10
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com