Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

11DQ05 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # 11DQ05
Description  Schottky Rectifier, 1.1 A
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

11DQ05 Datasheet(HTML) 5 Page - Vishay Siliconix

  11DQ05_12 Datasheet HTML 1Page - Vishay Siliconix 11DQ05_12 Datasheet HTML 2Page - Vishay Siliconix 11DQ05_12 Datasheet HTML 3Page - Vishay Siliconix 11DQ05_12 Datasheet HTML 4Page - Vishay Siliconix 11DQ05_12 Datasheet HTML 5Page - Vishay Siliconix 11DQ05_12 Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Outline Dimensions
www.vishay.com
Vishay Semiconductors
Revision: 29-Aug-11
1
Document Number: 95241
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Axial DO-204AL (DO-41)
DIMENSIONS in millimeters (inches)
2.70 (0.106)
2.29 (0.090)
DIA.
2.70 (0.106)
2.29 (0.090)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
27.0 (1.06) MIN.
(2 places)
5.21 (0.205)
MAX.
5.21 (0.205)
MAX.
27.0 (1.06) MIN.
(2 places)
1.27 (0.050) MAX.
Flash (2 places)
DIA.
0.86 (0.034)
0.72 (0.028)
(2 places)
DIA.
Cathode band


Similar Part No. - 11DQ05_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
11DQ05TR IRF-11DQ05TR Datasheet
32Kb / 5P
   SCHOTTKY RECTIFIER
logo
Vishay Siliconix
11DQ05TR VISHAY-11DQ05TR Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
More results

Similar Description - 11DQ05_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-11DQ03 VISHAY-VS-11DQ03 Datasheet
116Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ03 VISHAY-11DQ03 Datasheet
79Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
11DQ09 VISHAY-11DQ09 Datasheet
79Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
11DQ09 VISHAY-11DQ09_12 Datasheet
113Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
11DQ05 VISHAY-11DQ05 Datasheet
81Kb / 5P
   Schottky Rectifier, 1.1 A
Revision: 06-Nov-08
VS-11DQ05 VISHAY-VS-11DQ05 Datasheet
118Kb / 6P
   Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
VS-11DQ09 VISHAY-VS-11DQ09_V01 Datasheet
111Kb / 6P
   Schottky Rectifier, 1.1 A
02-Oct-12
VS-11DQ09 VISHAY-VS-11DQ09 Datasheet
113Kb / 6P
   6Schottky Rectifier, 1.1 A
Revision: 21-Sep-11
logo
Assmann Electronics Inc...
AK672-3-BLACK ASSMANN-AK672-3-BLACK Datasheet
77Kb / 1P
   USB 1.1 Cable - A Male
AK672-3 ASSMANN-AK672-3 Datasheet
65Kb / 1P
   USB 1.1 Cable - A Male
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com