Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

6CWQ06FN Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 6CWQ06FN
Description  Schottky Rectifier, 2 x 3.5 A
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

6CWQ06FN Datasheet(HTML) 3 Page - Vishay Siliconix

  6CWQ06FN_12 Datasheet HTML 1Page - Vishay Siliconix 6CWQ06FN_12 Datasheet HTML 2Page - Vishay Siliconix 6CWQ06FN_12 Datasheet HTML 3Page - Vishay Siliconix 6CWQ06FN_12 Datasheet HTML 4Page - Vishay Siliconix 6CWQ06FN_12 Datasheet HTML 5Page - Vishay Siliconix 6CWQ06FN_12 Datasheet HTML 6Page - Vishay Siliconix 6CWQ06FN_12 Datasheet HTML 7Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Document Number: 93317
For technical questions within your region, please contact one of the following:
www.vishay.com
Revision: 03-Nov-10
DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
3
VS-6CWQ06FN-M3
Schottky Rectifier, 2 x 3.5 A
Vishay Semiconductors
Fig. 1 - Maximum Forward Voltage Drop Characteristics (Per Leg)
Fig. 2 - Typical Values of Reverse Current vs.
Reverse Voltage (Per Leg)
Fig. 3 - Typical Junction Capacitance vs. Reverse Voltage (Per Leg)
Fig. 4 - Maximum Thermal Impedance ZthJC Characteristics (Per Leg)
1.0
100
10
VFM - Forward Voltage Drop (V)
0.4
0.8
1.2
1.6
2.0
2.4
2.8
0
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
0.001
1.0
10
100
0.1
0.01
VR - Reverse Voltage (V)
10
20
50
60
30
40
0
T
J = 150 °C
T
J = 125 °C
T
J = 100 °C
T
J = 75 °C
T
J = 50 °C
T
J = 25 °C
10
100
1000
VR - Reverse Voltage (V)
20
10
30
40
50
60
0
T
J = 25 °C
0.1
1
10
0.00001
0.0001
0.001
0.01
0.1
1.0
t1 - Rectangular Pulse Duration (s)
D = 0.75
D = 0.50
D = 0.33
D = 0.25
D = 0.20
Single pulse
(thermal resistance)
P
DM
t
1
t
2
Notes:
1. Duty factor D = t
1/t2
2. Peak T
J = PDM x ZthJC + TC


Similar Part No. - 6CWQ06FN_12

ManufacturerPart #DatasheetDescription
logo
International Rectifier
6CWQ06FNPBF IRF-6CWQ06FNPBF Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
logo
Vishay Siliconix
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ06FNPBF VISHAY-6CWQ06FNPBF_11 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
logo
International Rectifier
6CWQ06FNTR IRF-6CWQ06FNTR Datasheet
175Kb / 7P
   SCHOTTKY RECTIFIER 7 Amp IF(AV) = 7Amp VR = 60V
logo
Vishay Siliconix
6CWQ06FNTR VISHAY-6CWQ06FNTR Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
More results

Similar Description - 6CWQ06FN_12

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
6CWQ03FNPBF VISHAY-6CWQ03FNPBF Datasheet
113Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ10FNPBF VISHAY-6CWQ10FNPBF_12 Datasheet
148Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ03FNPBF VISHAY-6CWQ03FNPBF_12 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 28-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF_12 Datasheet
145Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ04FNPBF VISHAY-6CWQ04FNPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
VS-6CWQ04FNTRPBF VISHAY-VS-6CWQ04FNTRPBF Datasheet
155Kb / 8P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
6CWQ10FNPBF VISHAY-6CWQ10FNPBF Datasheet
112Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
VS-6CWQ04FNHM3 VISHAY-VS-6CWQ04FNHM3_V01 Datasheet
144Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
01-Jan-2022
6CWQ06FNPBF VISHAY-6CWQ06FNPBF Datasheet
110Kb / 6P
   Schottky Rectifier, 2 x 3.5 A
Revision: 13-Aug-08
6CWQ06FNPBF VISHAY-6CWQ06FNPBF_11 Datasheet
146Kb / 7P
   Schottky Rectifier, 2 x 3.5 A
Revision: 14-Jan-11
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com