Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2KBB60 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # 2KBB60
Description  Single Phase Rectifier Bridge, 1.9 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

2KBB60 Datasheet(HTML) 3 Page - Vishay Siliconix

  2KBB60 Datasheet HTML 1Page - Vishay Siliconix 2KBB60 Datasheet HTML 2Page - Vishay Siliconix 2KBB60 Datasheet HTML 3Page - Vishay Siliconix 2KBB60 Datasheet HTML 4Page - Vishay Siliconix 2KBB60 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Document Number: 93561
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 17-Jun-08
3
2KBB Series
Single Phase
Rectifier Bridge, 1.9 A
Vishay High Power Products
Fig. 3 - Minimum Required Source Resistance vs.
RMS Supply Voltage and Load Capacitance
Fig. 4 - Maximum Switch-On Surge Current vs.
Surge Duration
CIRCUIT CONFIGURATION
Minimum Required Value of Source Resistance (
Ω)
500
400
300
200
100
0
0123456
600
C
L = 200 µF
C
L = 400 µF
C
L = 600 µF
C
L = 800 µF
C
L = 1200 µF
C
L = 1600 µF
C
L = 3300 µF
C
L = 5000 µF
C
L = 7000 µF
0.5
1
2
5
10
10
-1
10
10
2
10
3
1
Switch-On Surge Duration (s)
Resistive, inductive load
Capacitive load
(+)
AC
AC
(-)
LINKS TO RELATED DOCUMENTS
Dimensions
http://www.vishay.com/doc?95328


Similar Part No. - 2KBB60

ManufacturerPart #DatasheetDescription
logo
International Rectifier
2KBB60 IRF-2KBB60 Datasheet
67Kb / 3P
   1.9A single phase rectifier bridge
2KBB60 IRF-2KBB60 Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
logo
Vishay Siliconix
2KBB60 VISHAY-2KBB60 Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
logo
International Rectifier
2KBB60R IRF-2KBB60R Datasheet
66Kb / 3P
   2KBB SERIES 1.9A single phase rectifier bridge
More results

Similar Description - 2KBB60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-2KBB VISHAY-VS-2KBB_V01 Datasheet
110Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
01-Jan-2022
VS-2KBB VISHAY-VS-2KBB_V02 Datasheet
109Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
01-Jan-2023
VS-2KBB VISHAY-VS-2KBB Datasheet
117Kb / 5P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 26-Aug-14
2KBB VISHAY-2KBB Datasheet
82Kb / 4P
   Single Phase Rectifier Bridge, 1.9 A
Revision: 17-Jun-08
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
01-Jan-2022
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
   Single Phase Bridge Rectifier, 2 A
Revision: 22-Dec-16
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com