Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1KAB-E Datasheet(PDF) 1 Page - Vishay Siliconix

Part # 1KAB-E
Description  Single Phase Rectifier Bridge, 1.2 A
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

1KAB-E Datasheet(HTML) 1 Page - Vishay Siliconix

  1KAB-E Datasheet HTML 1Page - Vishay Siliconix 1KAB-E Datasheet HTML 2Page - Vishay Siliconix 1KAB-E Datasheet HTML 3Page - Vishay Siliconix 1KAB-E Datasheet HTML 4Page - Vishay Siliconix 1KAB-E Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Document Number: 93559
For technical questions, contact: ind-modules@vishay.com
www.vishay.com
Revision: 12-Aug-08
1
Single Phase Rectifier Bridge, 1.2 A
1KAB-E Series
Vishay High Power Products
FEATURES
• Ease of assembly, installation, inventory
• High surge rating
• Compact
• RoHS compliant
DESCRIPTION
A 1.2 A diode bridge rectifier assembly designed for new
circuits and for replacement service. For printed circuit board
applications.
ELECTRICAL SPECIFICATIONS
PRODUCT SUMMARY
IO
1.2 A
VRRM
100 to 1000 V
D-38
RoHS
COMPLIANT
MAJOR RATINGS AND CHARACTERISTICS
SYMBOL
CHARACTERISTICS
VALUES
UNITS
IO
1.2
A
IFSM
50 Hz
50
A
60 Hz
52
I2t
50 Hz
17.7
A2s
60 Hz
16.1
VRRM
100 to 1000
V
TJ
- 55 to 150
°C
VOLTAGE RATINGS
CROSS REFERENCE
VRRM, VRSM
(V)
VRMS
(RECOMMENDED)
(V)
MAXIMUM (1)
LOAD CAPACITANCE
(µF)
MINIMUM
SOURCE
RESISTANCE
(SEE FIGURE 3)
(
Ω)
PART NUMBER
DIN CODE
1KAB10E
B40C1000
100
40
5000
0.5
1KAB20E
B80C1000
200
80
3300
0.8
1KAB40E
B125C1000
400
125
1600
1.5
1KAB60E
B250C1000
600
250
1200
2.6
1KAB80E
B380C1000
800
380
800
3.0
1KAB100E
B500C1000
1000
500
600
5.0


Similar Part No. - 1KAB-E

ManufacturerPart #DatasheetDescription
logo
International Rectifier
1KAB-E IRF-1KAB-E Datasheet
64Kb / 3P
   1.2 amp rectifier bridge
logo
Vishay Siliconix
1KAB-E VISHAY-1KAB-E Datasheet
87Kb / 4P
   Single Phase Rectifier Bridge, 1.2 A
Revision: 12-Aug-08
More results

Similar Description - 1KAB-E

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-1KAB-E VISHAY-VS-1KAB-E_V01 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
01-Jan-2022
1KAB-E VISHAY-1KAB-E Datasheet
87Kb / 4P
   Single Phase Rectifier Bridge, 1.2 A
Revision: 12-Aug-08
VS-1KAB-E VISHAY-VS-1KAB-E_V02 Datasheet
111Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
01-Jan-2023
VS-1KAB-E VISHAY-VS-1KAB-E Datasheet
113Kb / 5P
   Single Phase Rectifier Bridge, 1.2 A
Revision: 16-Mar-17
2KBP10M-E4 VISHAY-2KBP10M-E4 Datasheet
112Kb / 5P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
VS-KBPC8 VISHAY-VS-KBPC8_V02 Datasheet
118Kb / 4P
   Single Phase Rectifier Bridge, 8 A
01-Jan-2023
VS-2KBP VISHAY-VS-2KBP Datasheet
117Kb / 5P
   Single Phase Bridge Rectifier, 2 A
Revision: 22-Dec-16
KBPC8 VISHAY-KBPC8 Datasheet
100Kb / 3P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
2KBP VISHAY-2KBP_08 Datasheet
105Kb / 4P
   Single Phase Rectifier Bridge, 2 A
Revision: 17-Jun-08
KBPC810PBF VISHAY-KBPC810PBF Datasheet
109Kb / 4P
   Single Phase Rectifier Bridge, 8 A
Revision: 29-Sep-08
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com